Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG30TC12M Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # SG30TC12M
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SG30TC12M Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  SG30TC12M_17 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SG30TC12M_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SG30TC12M_17 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SG30TC12M_17 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
J533-p2012.06〉)
■特性図 CHARACTERI
STI
C DI
AGRAMS
順方向特性
Forward Voltage
100
0.
10
02
1.
0.
Tc=175℃(MAX)
Tc=175℃(TYP)
Tc=25℃(MAX)
Tc=25℃(TYP)
順電力損失曲線
Forward Power Dissipation
40
15
20
25
30
35
10
00
50
10
20
30
40
Tj=175℃
D=tp/T
T
tp
IO
DC
D=0.
0.
0.
0.
0.
0.
05
SIN
DC
D=0.
0.
0.
0.
0.
0.
05
SIN
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
100
350
300
200
250
150
50
01
100
10
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
逆電力損失曲線
Reverse Power Dissipation
逆方向特性
Reverse Current
0.
3.
1.
2.
20
140
100 120
40
60
80
100000
100
10
1000
10000
0.001
0.01
0.1
40
20
60
80
100
120
Tj=175℃
D=tp/T
T
tp
VR
DC
D=0.
05
0.
0.
0.
0.
SIN
0.
DC
D=0.
05
0.
0.
0.
0.
SIN
0.
Tc=175℃(TYP)
Tc=150℃(TYP)
Tc=125℃(TYP)
Tc=100℃(TYP)
Tc=25℃(TYP)
Tc=75℃(TYP)
Tc=50℃(TYP)
ディレーティングカーブ Tc-Io
Derating Curve Tc-Io
60
30
40
50
20
10
40
80
120
160
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
Pulse measurement
Per diode
Pulse measurement
Per diode
接合容量
Junction Capacitance
10
10000
1000
100
0.
10
120
100
f=1MHz
Tl=25℃
TYP
Per diode
D=tp/T
VR=60V
T
tp
IO
VR
Forward Voltage VF〔V〕
Average Rectified Forward Current IO〔A〕
Number of Cycles 〔cycle〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Case Temperature Tc〔℃〕
SG30TC12M
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.


Similar Part No. - SG30TC12M_17

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SG30TC12M SHINDENGEN-SG30TC12M Datasheet
450Kb / 2P
   Twin Diode
More results

Similar Description - SG30TC12M_17

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com