Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20IMX4-0324-8KZG Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # 20IMX4-0324-8KZG
Description  IMX4 Series Data Sheet 4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

20IMX4-0324-8KZG Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button 20IMX4-0324-8KZG Datasheet HTML 2Page - Bel Fuse Inc. 20IMX4-0324-8KZG Datasheet HTML 3Page - Bel Fuse Inc. 20IMX4-0324-8KZG Datasheet HTML 4Page - Bel Fuse Inc. 20IMX4-0324-8KZG Datasheet HTML 5Page - Bel Fuse Inc. 20IMX4-0324-8KZG Datasheet HTML 6Page - Bel Fuse Inc. 20IMX4-0324-8KZG Datasheet HTML 7Page - Bel Fuse Inc. 20IMX4-0324-8KZG Datasheet HTML 8Page - Bel Fuse Inc. 20IMX4-0324-8KZG Datasheet HTML 9Page - Bel Fuse Inc. 20IMX4-0324-8KZG Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AE, 16-Sep-2015
Page 6 of 12
MELCHER
The Power Partners.
Electrical Out put Data
General conditions: TA = 25 °C, unless TC is specified.
Table 7a: Output data for single-output models
Output
Vo nom
3.3 V
5 V
12 V
15 V
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
min typ
max
min typ
max
Vo
Output setting voltage
Vi nom, Io = 0.5 Io nom
3.27
3.33 4.96
5.04
11.90
12.10 14.88
15.12
V
Io nom
Output current (nom.)
Vi min to Vi max 5IMX4
--
700
300
250
mA
others
900
700
340
280
Io L
Current limit 2
Vi nom
5IMX4 950
1000
375
325
others 1260
1800 955
1400
476
680
392
560
∆Vo V Line regulation
Vi min to Vi max, Io nom
±1
±1
±1
±1
%
∆V
Load regulation
Vi nom
±3.5
±3
±3
±3
Io = (0.1 to 1) Io nom
vo
Output voltage noise
Vi min to Vi max
5
80
80
120
150
mVpp
Io = Io nom
6
20
40
20
40
40
60
50
75
Vo clp
Output overvoltage
Min. load 1%
130
130
130
130
%
limitation
Co ext
Admissible capacitive load
0
680
0
680
0
150
0
100
µF
vo d
Dynamic Voltage deviat.
Vi nom
±250
±250
±250
±250
mV
td
load
Recovery time
Io = (1 to 0.5) Io nom
11
1
1
ms
regulat.
αVo
Temperature coefficient
Vi min to Vi max
±0.02
±0.02
±0.02
±0.02
%/K
∆Vo/∆TC
Io = (0.1 to 1) Io nom
Table 7b: Output data for dual-output models
Output
Vo nom
±5 V
±12 V
±15 V
±24 V
Unit
Characteristics
Conditions
min
typ
max
min
typ max
min
typ max
min
typ max
Vo1
Output setting voltage
Vi nom
4.96
5.04 11.90
12.10 14.88
15.12 23.81
24.19
V
Vo2
Io1 = Io2 = 0.5 Io nom
4.95
5.05 11.88
12.12 14.85
15.15 23.75
24.25
Io nom Output current (nom.) 1
Vi min to Vi max
2 x 350
2 x 170
2 x 140
2 x 80
mA
Io L
Current limit 2 3
Vi nom, TC = 25 °C
1000
474
392
232
∆Vo V Line regulation
Vi min to Vi max, Io nom
±1
±1
±1
±1
%
∆V
Load regulation 4
Vi nom
±3
±3.5
±3
±3
Io = (0.1 to 1) Io nom
vo1, 2
Output voltage noise
Vi min to Vi max
5
100
140
150
240
mVpp
Io = Io nom
6
40
60
45
70
50
75
40
120
Vo clp
Output overvoltage
Min. load 1%
130
130
130
130
%
limitation
Co ext Admissible capacitive load 3
0
680
0
150
0
100
0
47
µF
vo d
Dynamic
Voltage deviat.
Vi nom
±250
±600
±750
±750
mV
td
load
Recovery time
Io = (1 to 0.5) Io nom
1
111
ms
regulat.
αVo
Temperature coefficient
Vi min to Vi max
±0.02
±0.02
±0.02
±0.02
%/K
∆Vo/∆TC
Io = (0.1 to 1) Io nom
1
Each output is capable of delivering full output power.
2
The current limit is primary side controlled.
3
Sum of both outputs
4
Conditions for specified output. Other output loaded with constant current Io = 0.5 Io nom.
5
BW = 20 MHz
6
Measured with a probe according to EN 61204


Similar Part No. - 20IMX4-0324-8KZG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Power-One
20IMX4-03-9 POWER-ONE-20IMX4-03-9 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
More results

Similar Description - 20IMX4-0324-8KZG

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
   HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com