Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20IMX4-0305-8KZG Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # 20IMX4-0305-8KZG
Description  IMX4 Series Data Sheet 4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

20IMX4-0305-8KZG Datasheet(HTML) 5 Page - Bel Fuse Inc.

  20IMX4-0305-8KZG Datasheet HTML 1Page - Bel Fuse Inc. 20IMX4-0305-8KZG Datasheet HTML 2Page - Bel Fuse Inc. 20IMX4-0305-8KZG Datasheet HTML 3Page - Bel Fuse Inc. 20IMX4-0305-8KZG Datasheet HTML 4Page - Bel Fuse Inc. 20IMX4-0305-8KZG Datasheet HTML 5Page - Bel Fuse Inc. 20IMX4-0305-8KZG Datasheet HTML 6Page - Bel Fuse Inc. 20IMX4-0305-8KZG Datasheet HTML 7Page - Bel Fuse Inc. 20IMX4-0305-8KZG Datasheet HTML 8Page - Bel Fuse Inc. 20IMX4-0305-8KZG Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AE, 16-Sep-2015
Page 5 of 12
MELCHER
The Power Partners.
Input Transient Voltage Protection
In many applications transient voltages on the converter input
are always possible. These may be caused for example by
short circuits between Vi+ and Vi–, where the network
inductance may generate high energy pulses.
In order to protect the converter, a transient voltage sup-
pressor diode is fitted at the input; see table below.
Table 4: Built-in transient voltage suppressor
Model
Breakdown
Peak power
Peak pulse
voltage
at 1 ms
current
VBR nom
PP
IPP
5IMX4
--
--
--
20IMX4
40 V
600 W
10.3 A
40IMX4
100 V
600 W
4.1 A
70IMX4
150 V
600 W
2.9 A
Fig. 8
External circuitry to comply with
IEC/EN 61000-4-5, level 2.
Vi+
Vi–
Ci
Li
D
+
04036b
If transients generating currents above the peak pulse current
I PP are possible, an external limiting network such as the circuit
shown in figure 8 is recommended. It provides compliance with
transients according to IEC/EN 61000-4-5, level 2. The comp
onents are specified in table 5.
If 40IMX4 converters should withstand 150 V transients
according to 19Pfl1, the same external circuitry with similar
components as shown in figure 8 can be used.
Fuse and Reverse Polarity Protection
The suppressor diode on the input also protects against
reverse polarity input voltage. An external fast fuse is required
to limit this reverse current; see table below.
Table 6: External input fuse
Model
Fuse type
5IMX4
Fast 1.6 A
20IMX4
Fast 1 A
40IMX4
Fast 0.5 A
70IMX4
Fast 0.315 A
Table 5: Components for the circuitry fig. 8
Model
20IMX4
40IMX4
70IMX4
Li
330 µH, 0.42 W
330 µH, 0.42 W
330 µH, 0.65 W
1 A
0.6 A
0.3 A
Ci
68 µF, 50 V
68 µF, 100 V
100 µF, 200 V
D
ON 1.5KE 39 A
ON 1.5KE 82 A


Similar Part No. - 20IMX4-0305-8KZG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Power-One
20IMX4-03-9 POWER-ONE-20IMX4-03-9 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
More results

Similar Description - 20IMX4-0305-8KZG

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
   HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com