Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1161A1 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # ISP1161A1
Description  Universal Serial Bus single-chip host and device controller
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1161A1 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button ISP1161A1 Datasheet HTML 71Page - NXP Semiconductors ISP1161A1 Datasheet HTML 72Page - NXP Semiconductors ISP1161A1 Datasheet HTML 73Page - NXP Semiconductors ISP1161A1 Datasheet HTML 74Page - NXP Semiconductors ISP1161A1 Datasheet HTML 75Page - NXP Semiconductors ISP1161A1 Datasheet HTML 76Page - NXP Semiconductors ISP1161A1 Datasheet HTML 77Page - NXP Semiconductors ISP1161A1 Datasheet HTML 78Page - NXP Semiconductors ISP1161A1 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 136 page
background image
Philips Semiconductors
ISP1161A1
USB single-chip host and device controller
Product data
Rev. 03 — 23 December 2004
75 of 136
9397 750 13961
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
10.6.6
HcITLBufferPort register (R/W: 40H/C0H)
This is the ITL buffer RAM read/write port. The bits 15 to 8 contain the data byte that
comes from the ITL buffer RAM’s even address. The bits 7 to 0 contain the data byte
that comes from the ITL buffer RAM’s odd address.
Code (Hex): 40 — read
Code (Hex): C0 — write
The HCD must set the byte count into the HcTransferCounter register and check the
HcBufferStatus register before reading from or writing to the buffer. The HCD must
write the command (40H to read, C0H to write) once only, and then read or write both
bytes of the data word. After every read/write, the pointer of ITL buffer RAM will be
automatically increased by two to point to the next data word until it reaches the value
of the HcTransferCounter register; otherwise, an internal EOT signal is not generated
to set bit 2 (AllEOTInterrupt) of the Hc
µPInterrupt register and update the
HcBufferStatus register.
The HCD must take care of the fact that the internal buffer RAM is organized in bytes.
The HCD must write the byte count into the HcTransferCounter register, but the HCD
reads or writes the buffer RAM by 16 bits (by 1 data word).
10.6.7
HcATLBufferPort register (R/W: 41H/C1H)
This is the ATL buffer RAM read/write port. Bits 15 to 8 contain the data byte that
comes from the Acknowledged Transfer List (ATL) buffer RAM’s odd address.
Bits 7 to 0 contain the data byte that comes from the ATL buffer RAM’s even address.
Code (Hex): 41 — read
Code (Hex): C1 — write
Table 62:
HcITLBufferPort register: bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
DataWord[15:8]
Reset
00H
Access
R/W
Bit
7
6
5
4
3
2
1
0
Symbol
DataWord[7:0]
Reset
00H
Access
R/W
Table 63:
HcITLBufferPort register: bit description
Bit
Symbol
Description
15 to 0
DataWord[15:0]
read/write ITL buffer RAM’s two data bytes.
Table 64:
HcATLBufferPort register: bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
DataWord[15:8]
Reset
00H
Access
R/W


Similar Part No. - ISP1161A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISP1161A1BMUM ETC-ISP1161A1BMUM Datasheet
614Kb / 137P
   As from August 2nd 2008, the wireless operations of NXP have moved to a new company, ST-NXP Wireless
More results

Similar Description - ISP1161A1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
   Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
logo
Texas Instruments
TUSB3210 TI-TUSB3210 Datasheet
173Kb / 44P
[Old version datasheet]   UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
TUSB3210 TI1-TUSB3210_15 Datasheet
933Kb / 50P
[Old version datasheet]   Universal Serial Bus General-Purpose Device Controller
TUSB3210 TI-TUSB3210_1 Datasheet
401Kb / 45P
[Old version datasheet]   Universal Serial Bus General-Purpose Device Controller
logo
NXP Semiconductors
ISP1362 PHILIPS-ISP1362 Datasheet
647Kb / 150P
   Single-chip Universal Serial Bus On-The-Go controller
Rev. 03-06 January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com