Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISP1161A1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. ISP1161A1
Description  Universal Serial Bus single-chip host and device controller
Download  136 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
Fig 4.
Block diagram.
004aaa176
16
15 k
GND
HOST/
DEVICE
AUTOMUX
HOST BUS
INTERFACE
DEVICE BUS
INTERFACE
CLOCK
RECOVERY
POWER
SWITCHING
OVERCURRENT
DETECTION
USB
TRANSCEIVER
USB
TRANSCEIVER
PLL
CLOCK
RECOVERY
GoodLink
PROGRAMMABLE
DIVIDER
HOST CONTROLLER
DEVICE
CONTROLLER
PING
RAM
PONG
RAM
VOLTAGE
REGULATOR
internal
supply
internal
reset
3.3 V
VCC
POWER-ON
RESET
Vreg(3.3)
Vhold1
DGND
GL
CLKOUT
7
1, 8, 15, 18,
35, 45, 62
2
USB
TRANSCEIVER
ITL0
(PING RAM)
ITL1
(PONG RAM)
ISP1161A1
H_WAKEUP
to/ from
microprocessor
H_PSW1
46
43
41
38
19
Vhold2
24
58
57
2 to 7,
9 to 14,
16, 17,
63, 64
40
42
33
22
21
23
60
59
28
27
34
26
25
30
29
37
36
32
56
n.c.
61, 20
44
47
54
55
50
51
52
53
39
48
49
XTAL1
XTAL2
H_PSW2
H_OC1
H_OC2
D_VBUS
DEVICE
CONTROLLER
HOST CONTROLLER
USB bus
upstream
port
USB bus
downstream
ports
H_DM1
H_DP1
H_DM2
H_DP2
D_DM
D_DP
H_SUSPEND
NDP_SEL
D0 to D15
RD
DACK2
DACK1
EOT
DREQ1
DREQ2
INT2
INT1
D_WAKEUP
D_SUSPEND
RESET
ALT RAM
6 MHz
Host bus
Device bus
4
×
1.5 k
3.3 V
SoftConnect
AGND
CS
WR
A1
A0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISP1161AFull-speed Universal Serial Bus single-chip host and device controller 1 2 3 4 5 MoreNXP Semiconductors
ISP1161Full-speed Universal Serial Bus single-chip host and device controller 1 2 3 4 5 MoreNXP Semiconductors
ISP1562Hi-Speed Universal Serial Bus PCI Host Controller 1 2 3 4 5 MoreNXP Semiconductors
ISP1362Single-chip Universal Serial Bus On-The-Go controller 1 2 3 4 5 MoreNXP Semiconductors
ISP1160Embedded Universal Serial Bus Host Controller 1 2 3 4 5 MoreNXP Semiconductors
TUSB3210UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER 1 2 3 4 5 MoreTexas Instruments
ISP1563Hi-Speed Universal Serial Bus PCI Host Controller 1 2 3 4 5 MoreNXP Semiconductors
ISP1760Hi-Speed Universal Serial Bus host controller for embedded applications 1 2 3 4 5 MoreNXP Semiconductors
ISP1583Hi-Speed Universal Serial Bus peripheral controller 1 2 3 4 5 MoreNXP Semiconductors
ISP1520Hi-Speed Universal Serial Bus hub controller 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl