Electronic Components Datasheet Search |
|
0015477660 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0015477660 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 10/30/2017 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0015477660 Status: Active Overview: C-Grid® Products Description: 2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 60 Circuits, 0.38µm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating Documents: 3D Model Packaging Specification PK-70873-0018 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-70567-001 (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 70568 Application Signal, Wire-to-Board Overview C-Grid® Products Product Name C-Grid UPC 800754628426 Physical Breakaway No Circuits (Loaded) 60 Circuits (maximum) 60 Color - Resin Black First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Metal Brass, Phosphor Bronze Material - Plating Mating Gold Material - Resin High Temperature Thermoplastic Net Weight 10.249/g Number of Rows 2 Orientation Vertical PC Tail Length 3.30mm PCB Locator No PCB Retention Yes PCB Thickness - Recommended 2.40mm Packaging Type Tube Pitch - Mating Interface 2.54mm Pitch - Termination Interface 2.54mm Plating min - Mating 0.381µm Polarized to Mating Part Yes Polarized to PCB Yes Shrouded Fully Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -55°C to +105°C Termination Interface: Style Through Hole Series image - Reference only EU ELV Not Relevant EU RoHS China RoHS Compliant REACH SVHC Not Contained Per - ED/30/2017 (7 July 2017) Halogen-Free Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Green Image ELV Not Relevant RoHS Phthalates Not Contained Search Parts in this Series 70568 Series |
Similar Part No. - 0015477660_17 |
|
Similar Description - 0015477660_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |