Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3046CF Datasheet(PDF) 10 Page - International Rectifier

Part # IRU3046CF
Description  DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3046CF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRU3046CF Datasheet HTML 6Page - International Rectifier IRU3046CF Datasheet HTML 7Page - International Rectifier IRU3046CF Datasheet HTML 8Page - International Rectifier IRU3046CF Datasheet HTML 9Page - International Rectifier IRU3046CF Datasheet HTML 10Page - International Rectifier IRU3046CF Datasheet HTML 11Page - International Rectifier IRU3046CF Datasheet HTML 12Page - International Rectifier IRU3046CF Datasheet HTML 13Page - International Rectifier IRU3046CF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Rev. 1.9
09/27/02
IRU3046
www.irf.com
The pole sets to one half of switching frequency which
results in the capacitor CPOLE:
For a general solution for unconditionally stability for any
type of output capacitors, in a wide range of ESR values
we should implement local feedback with a compensa-
tion network. The typically used compensation network
for voltage-mode controller is shown in Figure 7.
Figure 7 - Compensation network with local
feedback and its asymptotic gain plot.
In such configuration, the transfer function is given by:
The error amplifier gain is independent of the transcon-
ductance under the following condition:
By replacing ZIN and Zf according to figure 7, the trans-
former function can be expressed as:
Ve
1 -
gmZf
1 +
gmZIN
VOUT
=
As known, transconductance amplifier has high imped-
ance (current source) output, therefore, consider should
be taken when loading the E/A output. It may exceed its
source/sink output current capability, so that the ampli-
fier will not be able to swing its output voltage over the
necessary range.
The compensation network has three poles and two ze-
ros and they are expressed as follows:
Cross Over Frequency:
The stability requirement will be satisfied by placing the
poles and zeros of the compensation network according
to following design rules. The consideration has been
taken to satisfy condition (15) regarding transconduc-
tance error amplifier.
1)
Select the crossover frequency:
2)
Select R7, so that R7 >>
3)
Place first zero before LC’s resonant frequency pole.
2
gm
Fo < FESR and Fo
[ (1/10 ~ 1/6)3 fS
FZ1
≅ 75% FLC
C11 =
1
2
p 3 FZ1 3 R7
CPOLE =
p 3 R4 3 fS - 1
C9
1
1
p 3 R4 3 fS
For FP <<
fS
2
FP1 = 0
1
2
p3C103(R6 + R8)
FZ2 =
1
2
p3C103R6
FZ1 =
1
2
p3R73C11
FP3 =
1
2
p3R73
FP2 =
1
2
p3R83C10
1
2
p3R73C12
C12
3C11
C12+C11
(
)
VOUT
VREF
R5
R6
R8
C10
C12
C11
R7
Ve
FZ1
FZ2
FP2
FP3
E/A1
Zf
ZIN
Frequency
Gain(dB)
H(s) dB
Comp1
Fb1
gmZf >> 1
and
gmZIN >>1
---(15)
H(s)=
sR6(C12+C11)
1+sR7
3(1+sR8C10)
1
(1+sR7C11)
3[1+sC10(R6+R8)]
3
[
(
)]
C12C11
C12+C11
Where:
VIN = Maximum Input Voltage
VOSC = Oscillator Ramp Voltage
Lo = Output Inductor
Co = Total Output Capacitors
FO1 = R7
3C103
3
---(16)
VIN
VOSC
1
2
p3Lo3Co


Similar Part No. - IRU3046CF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047CW IRF-IRU3047CW Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
IRU3048CF IRF-IRU3048CF Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
IRU3048CS IRF-IRU3048CS Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
More results

Similar Description - IRU3046CF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com