Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1701100155 Datasheet(PDF) 1 Page - AAEON Technology

Part # 1701100155
Description  204-pin DDR3 800/1066 MHz SODIMM x 1, Up to 2 GB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1701100155 Datasheet(HTML) 1 Page - AAEON Technology

  1701100155 Datasheet HTML 1Page - AAEON Technology 1701100155 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
04-5
Note: All specifications are subject to change without notice.
04
PFM-CVS Rev. A
Packing List
PC/104+ Module with Intel® Atom™ N2600 Processor
Intel® Atom™ N2600 Dual Core 1.6 GHz Processor
Intel® Atom™ N2600 + NM10
204-pin DDR3 800/1066 MHz SODIMM x 1, Up to 2 GB
10/100/1000Base-TX Ethernet x 1
CRT, 18-bit Single Channel LVDS LCD
SATA 3.0 Gb/s x 1
USB2.0 x 4, COM x 4
PC/104+ Slot, Half-Size mSATA x 1/ Mini-Card (Optional)
+12V Only Operation
AAEON Hi-Safe SDK/Utility Supported
9657666600
Jumper Cap
Product CD
PFM-CVS Rev. A with Heatsink
Optional Accessories
Part Number
Quantity
1702002010
(TF)Power Cable, 1 x 2P Pitch=5.0mm Housing, 10cm (12V only)
1
1709150151
(TF)CRT Cable, 1 x 13P Pitch=1.25mm Housing,15cm
1
1701010150
(TF)FLAT Cable, 1 x 10P Pitch=1.25mm Housing, 15cm
1
1700100201
(TF)LAN Cable, RJ45 10P 2.0mm Housing, 20cm
1
1705050153
(TF)Inverter Cable, 1 x 5P Pitch=1.5mm Housing, 15cm
1
1700050207
(TF)USB Cable, 1 x 5P Pitch=1.25mm Housing, 20cm
4
1701090150
(TF)Flat Cable, D-Sub 9(M), 9P Housing, 9P 1.25mm pitch Housing, 15cm
4
1709070500
(TF)SATA Cable, 7P Pitch 1.27mm, 50cm
1
1702150155
(TF)Power Cable, 15P SATA (F), 2P 2.0mm Housing (PH), 15cm
1
1701100155
(TF)Flat Cable, Front Panel 10P, Pitch=1.25mm Housing, 15cm
1
1703020156
(TF)Buzzer Cable, 2P, Pitch=1.25mm Housing, 15cm
1
9681CVS000
(TF) Cable Kit for PFM-CVS-A10-10
Cable Kit
System
Form Factor
PC/104+
CPU
Intel® Atom™ N2600 Processor
CPU Frequency
1.6GHz
Chipset
NM10
Memory Type
SODIMM DDR 3
Max. Memory Capacity
2GB
BIOS
AMI 32MB
Wake on LAN
Yes
Watchdog Timer
255 Level
Power Requirement
12V
Power Supply Type
AT / ATX
Power Consumption
(Typical)
<15W (Atom™ 1.6 GHz, DDR3 1066 2GB)
Dimension (L x W)
3.55" x 3.77"(90mm x 96mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
-20°F ~ 158°F (-20°C ~ 70°C)
-40°F ~ 176°F (-40°C ~ 80°C) (Nice to Have)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
TBD
Certification
CE/FCC Class A
Display
VGA/LCD Controller
CedarView integration
Video Output
CRT, LVDS
Backlight Inverter Supply
Max. 12V
I/O
Ethernet
Realtek RTL 8111E, 10/100/1000Base-TX x 1
Audio
USB Port
USB 2.0 x 4
Serial Port
RS232 x 3, RS232/422/485 x 1
Parallel Port
HDD Interface
SATA2 x 1
FDD Interface
SSD
Expansion Slot
PC/104 +, Mini-Card/mSATA
PWM LCD Support
DIO
8 bit
TPM
Touch
SATA 3.0 Gb/s x 1
LVDS
LAN
Backlight
Inverter
8-bit DIO
CRT
PCI-104
Power
PC/104
Fan
Front Panel
(Including Buzzer)
COM x 4
USB x 4
Battery
SATA Power


Similar Part No. - 1701100155

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1701100155 AAEON-1701100155 Datasheet
259Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
1701100155 AAEON-1701100155 Datasheet
266Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
1701100155 AAEON-1701100155 Datasheet
266Kb / 2P
   Intel Atom N2600 Dual Core 1.6 GHz Processor
More results

Similar Description - 1701100155

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX622-830-FL AXIOMTEK-EBOX622-830-FL Datasheet
378Kb / 1P
   204-pin DDR3-800/1066 SO-DIMM max. up to 4 GB
EBOX730-860-FL AXIOMTEK-EBOX730-860-FL_16 Datasheet
295Kb / 1P
   204-pin DDR3-1066/1333 SO-DIMM max. up to 16 GB
MANO831 AXIOMTEK-MANO831_14 Datasheet
462Kb / 2P
   2 DDR3-1066 MHz max. up to 4 GB
EBOX626-841-FL AXIOMTEK-EBOX626-841-FL Datasheet
251Kb / 1P
   High performance 204-pin DDR3L-1066/1333 SODIMM max. up to 8 GB
MANO800 AXIOMTEK-MANO800_16 Datasheet
231Kb / 1P
   2 DDR3-1066/1333 MHz max. up to 8 GB
MANO860 AXIOMTEK-MANO860_16 Datasheet
274Kb / 1P
   2 DDR3-1066/1333 MHz, max. up to 16 GB
MANO860 AXIOMTEK-MANO860_14 Datasheet
279Kb / 2P
   2 DDR3-1066/1333 MHz, max. up to 16 GB
MANO861 AXIOMTEK-MANO861_16 Datasheet
268Kb / 1P
   2 DDR3-1066/1333 MHz max. up to 16 GB
MANO800 AXIOMTEK-MANO800 Datasheet
215Kb / 1P
   2 DDR3-1066/1333 MHz max. up to 8 GB
MANO800 AXIOMTEK-MANO800_14 Datasheet
255Kb / 2P
   2 DDR3-1066/1333 MHz max. up to 8 GB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com