Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1709150151 Datasheet(PDF) 1 Page - AAEON Technology

Part # 1709150151
Description  Intel Atom N2600 Dual Core 1.6 GHz Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1709150151 Datasheet(HTML) 1 Page - AAEON Technology

  1709150151 Datasheet HTML 1Page - AAEON Technology 1709150151 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
04-7
Note: All specifications are subject to change without notice.
04
PFM-CVS Rev. B
Part Number
Quantity
1702002010
(TF)Power Cable, 1 x 2P Pitch=5.0mm Housing, 10cm (12V only)
1
1709150151
(TF)CRT Cable, 1 x 13P Pitch=1.25mm Housing,15cm
1
1701010150
(TF)FLAT Cable, 1 x 10P Pitch=1.25mm Housing, 15cm
1
1700100201
(TF)LAN Cable, RJ45 10P 2.0mm Housing, 20cm
1
1705050153
(TF)Inverter Cable, 1 x 5P Pitch=1.5mm Housing, 15cm
1
1700050207
(TF)USB Cable, 1 x 5P Pitch=1.25mm Housing, 20cm
4
1701090150
(TF)Flat Cable, D-Sub 9(M), 9P Housing, 9P 1.25mm pitch Housing, 15cm
4
1709070500
(TF)SATA Cable, 7P Pitch 1.27mm, 50cm
1
1702150155
(TF)Power Cable, 15P SATA (F), 2P 2.0mm Housing (PH), 15cm
1
1701100155
(TF)Flat Cable, Front Panel 10P, Pitch=1.25mm Housing, 15cm
1
1703020156
(TF)Buzzer Cable, 2P, Pitch=1.25mm Housing, 15cm
1
9657666600
Jumper Cap
Product CD
PFM-CVS Rev. B with Heatsink
Packing List
PC/104+ Module with Intel® Atom™ N2600 Processor with Intel® LAN Chip
9681CVS000
(TF) Cable Kit for PFM-CVS
Cable Kit
Optional Accessories
Intel® Atom™ N2600 Dual Core 1.6 GHz Processor
Intel® Atom™ N2600 + NM10
204-pin DDR3 800/1066 MHz SODIMM x 1, Up to 2 GB
10/100/1000Base-TX Ethernet x 1
CRT, 18-bit Single Channel LVDS LCD
2CH HD Audio
SATA 3.0 Gb/s x 1
USB2.0 x 4, COM x 4
PC/104+ Slot, Full-Size mSATA x 1/ Mini-Card (Optional)
+12V Only Operation
AAEON Hi-Safe SDK/Utility Supported
System
Form Factor
PC/104
CPU
Intel® Atom™ N2600 Processor
CPU Frequency
1.6 GHz
Chipset
NM10
Memory Type
SODIMM DDR3
Max. Memory Capacity
2GB
BIOS
AMI
Wake on LAN
Yes
Watchdog Timer
255 Level
Power Requirement
12V
Power Supply Type
AT / ATX
Power Consumption
(Typical)
14W
Dimension (L x W)
3.55" x 3.77" (90mm x 96mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
-20°F ~ 158°F (-20°C ~ 70°C)
-40°F ~ 176°F (-40°C ~ 80°C) (Nice to Have)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
70,000
Certification
CE/FCC Class A
Display
VGA/LCD Controller
CedarView integration
Video Output
CRT, LVDS
Backlight Inverter Supply
Max. 12V
I/O
Ethernet
Intel® 82583V, 10/100/1000Base-TX x 1
Audio
USB Port
USB 2.0 x 4
Serial Port
RS232 x 3, RS232/422/485 x 1
Parallel Port
HDD Interface
SATA2 x 1
FDD Interface
SSD
Expansion Slot
PC/104-Plus, mini Card/ mSATA (switch by R)
PWM LCD Support
DIO
8 bit
TPM
Touch
SATA 3.0 Gb/s x 1
LVDS
LAN
Backlight
Inverter
8-bit DIO
CRT
PCI-104
Power
PC/104
Fan
Front Panel
(Including Buzzer)
COM x 4
USB x 4
Audio
PS/2
Battery
SATA Power


Similar Part No. - 1709150151

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1709150151 AAEON-1709150151 Datasheet
259Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
1709150151 AAEON-1709150151 Datasheet
266Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
1709150151 AAEON-1709150151 Datasheet
259Kb / 2P
   204-pin DDR3 800/1066 MHz SODIMM x 1, Up to 2 GB
More results

Similar Description - 1709150151

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX530-830-FL AXIOMTEK-EBOX530-830-FL_17 Datasheet
380Kb / 1P
   Intel Atom Cedarview processor N2600 1.6 GHz dual core
EBOX623-831-FL AXIOMTEK-EBOX623-831-FL_17 Datasheet
364Kb / 1P
   Fanless Embedded System with Intel Atom Processor N2600 1.6 GHz or D2550
EBOX622-830-FL AXIOMTEK-EBOX622-830-FL_17 Datasheet
281Kb / 1P
   Fanless Embedded System with Intel® Atom™ Processor N2600 1.6 GHz or D2550 1.86 GHz, HDMI, VGA, 2 GbE LAN, 6 USB, 6 COM ports
logo
ADL Embedded Solutions
ADLN2000PC ADL-ADLN2000PC Datasheet
215Kb / 2P
   Intel Atom N2600, 1.60 GHz, 3.5 Watts
logo
AAEON Technology
PFM-CVS AAEON-PFM-CVS Datasheet
252Kb / 2P
   PC/104 Module with Intel Atom N2600 Processor
AEC-6523 AAEON-AEC-6523 Datasheet
284Kb / 2P
   Intel짰 Atom??N2600 Processor
EPC-CV1 AAEON-EPC-CV1 Datasheet
426Kb / 2P
   Intel짰 Atom??Processor N2600
EPIC-CV07 AAEON-EPIC-CV07 Datasheet
282Kb / 2P
   EPIC Board With Onboard Intel Atom D2550/N2600 Processor
logo
Advantech Co., Ltd.
SOM-7565A2 ADVANTECH-SOM-7565A2 Datasheet
804Kb / 2P
   Intel Atom Processor N2600/N2800 COM Express Mini Module
logo
AAEON Technology
XTX-CV AAEON-XTX-CV Datasheet
280Kb / 2P
   XTX CPU Module with Onboard Intel Atom D2550/N2600 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com