Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM-540IREV.B Datasheet(PDF) 1 Page - AAEON Technology

Part # PFM-540IREV.B
Description  Onboard AMD Geode LX800 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PFM-540IREV.B Datasheet(HTML) 1 Page - AAEON Technology

  PFM-540IREV.B Datasheet HTML 1Page - AAEON Technology PFM-540IREV.B Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
04-13
Note: All specifications are subject to change without notice.
04
Packing List
PC/104 Module with AMD Geode™ LX Processor with Intel® LAN Chip
Optional Accessories
PFM-540I Rev. B
Onboard AMD Geode™ LX800 Processor
AMD Geode™ LX800 + CS5536
DDR 333 MHz SODIMM x 1, Up to 1 GB or
DDR 400 MHz SODIMM x 1, Up to 512 MB
10/100Base-TX Ethernet x 1
18/24-bit TTL LCD Support
EIDE x 1, CompactFlash™ x 1
USB2.0 x 4, COM x 4 And Parallel x 1
PC/104 Expansion
+5V Only Operation, AT Power Type
Low Power Consumption
9681540I02
Cable Kit for PFM-540I Rev.B
1701440350
44-pin IDE Cable x 1
1700060152
Keyboard & Mouse Cable x 1
1709100201
USB Cable x 1
1700160201
VGA Cable, Length 20cm
Product CD
PFM-540I Rev.B
1701100207
RS-232 Cable x 1
1700100200
LAN Cable x 1
1701260200
Printer Cable x 1
1709100201
USB Cable x 1
PCM-3538T-A10
TTL to LVDS Transmitter Module Rev. A1.0
System
Form Factor
PC/104
CPU
Onboard AMD Geode™ LX 800
CPU Frequency
500 MHz
Chipset
AMD Geode™ LX 800 + CS5536
Memory Type
DDR333/400, SODIMM x 1, (512 MB for DDR400)
Max. Memory Capacity
1 GB
BIOS
Award 512 KB
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
+5V
Power Supply Type
AT
Power Consumption
(Typical)
AMD Geode™ LX 800 500 MHz,
DDR400 512 MB,
1.53A@+5V
Dimension (L x W)
3.55" x 3.77" (90mm x 96mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
100,000
Certification
CE/FCC
Display
VGA/LCD Controller
AMD Geode™ LX 800
Video Output
CRT, TTL LCD
Backlight Inverter Supply
I/O
Ethernet
Intel® 82551ER, 10/100Base-TX
Audio
USB Port
USB2.0 x 4
Serial Port
RS-232 x 3, RS-232/422/485 x 1
Parallel Port
SPP/EPP/ECP x 1
HDD Interface
UDMA33 x 1
FDD Interface
FDD x 1
SSD
CompactFlash™
Expansion Slot
PC/104
PWM LCD Support
DIO
TPM
Touch
PC/104
Keyboard & Mouse
COM
TTL LCD
Ethernet
CRT
Parallel
Battery
USB
44-pin IDE
CompactFlash™
(Back)
Power Input


Similar Part No. - PFM-540IREV.B

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PFM-540I-A AAEON-PFM-540I-A Datasheet
246Kb / 2P
   USB2.0 x 4, COM x 2, and Parallel x 1
PFM-540I-A11 AAEON-PFM-540I-A11 Datasheet
425Kb / 2P
   PC/104 Module with AMD Geode™ LX Processor
PFM-540I-B AAEON-PFM-540I-B Datasheet
246Kb / 2P
   USB2.0 x 4, COM x 4 And Parallel x 1
PFM-540I-REVA AAEON-PFM-540I-REVA Datasheet
273Kb / 2P
   PC/104 Module with AMD Geode Tm LX Processor
PFM-540I-REVB AAEON-PFM-540I-REVB Datasheet
281Kb / 2P
   PC/104 Module with AMD Geode Tm LX Processor
More results

Similar Description - PFM-540IREV.B

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
PFM-541I_1302 AAEON-PFM-541I_1302 Datasheet
304Kb / 2P
   PC/104 Module with Onboard AMD Geode LX800 Processor
logo
Axiomtek Co., Ltd.
EBOX745-FL500 AXIOMTEK-EBOX745-FL500_16 Datasheet
305Kb / 1P
   AMD Geode LX800 500 MHz low voltage processor onboard
logo
AAEON Technology
PFM-541IW2 AAEON-PFM-541IW2 Datasheet
352Kb / 1P
   PC/104 CPU Module with Onboard AMD Geode LX800 Processor
EPIC-5536 AAEON-EPIC-5536 Datasheet
404Kb / 2P
   EPIC Board with Onboard AMD Geode LX800 (500 MHz) Processor
GENE-5315W1 AAEON-GENE-5315W1 Datasheet
394Kb / 1P
   3.5??SubCompact Board with Onboard AMD Geode Tm LX800 Processor
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
logo
Axiomtek Co., Ltd.
NA-100 AXIOMTEK-NA-100 Datasheet
209Kb / 1P
   Ultra low power AMD Geode LX800 processor
NA100 AXIOMTEK-NA100 Datasheet
322Kb / 1P
   Ultra low power AMD Geode LX800 processor
logo
Advantech Co., Ltd.
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
   AMD Geode??LX800 3.5
12-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com