Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WLL180T-N434 Datasheet(PDF) 3 Page - SICK AG

Part # WLL180T-N434
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLL180T-N434 Datasheet(HTML) 3 Page - SICK AG

  WLL180T-N434 Datasheet HTML 1Page - SICK AG WLL180T-N434 Datasheet HTML 2Page - SICK AG WLL180T-N434 Datasheet HTML 3Page - SICK AG WLL180T-N434 Datasheet HTML 4Page - SICK AG WLL180T-N434 Datasheet HTML 5Page - SICK AG WLL180T-N434 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WLL180T-N434 | WLL180T
FIBER-OPTIC SENSORS AND FIBERS
Display
LED status display / 2x 4-character digital dual displays, Set value (green indicator) and actual
value (red indicator) are displayed simultaneously, display of parameters
1) Sensing range with 8 ms response time. Reduction with shorter response time (see tables LL3/WLL180T).
2) LL3-TX01.
3) Objects to be sensed with 90% reflectivity (based on DIN 5033 white standard). Sensing range with 8 ms response time. Reduction with shorter response time (see
tables LL3/WLL180T).
4) LL3-DK06.
5) See LL3 fiber-optic data.
6) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage
12 V DC ... 24 V DC 1)
Ripple
≤ 10 % 2)
Power consumption
≤ 50 mA 3)
Output type
NPN
Number of switching outputs
1
Switching mode
Light/dark switching
Switching mode selector
Manually selectable
Output current Imax.
≤ 100 mA
Response time
≤ 16 µs, ≤ 70 µs, ≤ 250 µs, ≤ 2,000 µs, ≤ 8,000 µs 4)
Switching frequency
31.2 kHz
7.1 kHz
2 kHz
250 Hz
62.5 Hz
Input
Multifunctional input MF
Connection type
Connector M8, 4-pin
Circuit protection
5)
6)
7)
8)
Protection class
III
Weight
20 g
Housing material
ABS/PCPlastic
Enclosure rating
IP50 9)
Items supplied
BEF-WLL180 mounting bracket
Ambient operating temperature
–25 °C ... +55 °C
Ambient storage temperature
–40 °C ... +70 °C
UL File No.
NRKH2.E300503 & NRKH8.E300503
1) +- 10%.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Selectable.
5) A = VS connections reverse-polarity protected.
6) B = inputs and output reverse-polarity protected.
7) C = interference suppression.
8) D = outputs overcurrent and short-circuit protected.
9) With correctly attached fibre-optic cable LL3 and closed protection hood.
2017-04-06 17:11:29 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


Similar Part No. - WLL180T-N434

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLL180T-N432 SICK-WLL180T-N432 Datasheet
761Kb / 6P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - WLL180T-N434

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com