Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IRL3716 Datasheet(PDF) 5 Page - International Rectifier

Part No. IRL3716
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 
 5 page
background image
IRL3716/3716S/3716L
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
4.5V
+
-V
DD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
25
50
75
100
125
150
175
0
30
60
90
120
150
180
T , Case Temperature
(
C)
°
C
LIMITED BY PACKAGE
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7341HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR2905HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7494HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3303HEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL2703SHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFIZ24GHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3202HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR3802HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFI5210HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl