Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IRGS6B60KD Datasheet(PDF) 6 Page - International Rectifier

Part No. IRGS6B60KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 6 page
background image
IRG/B/S/SL6B60KD
6
www.irf.com
Fig. 14 - Typ. Switching Time vs. IC
TJ = 150°C; L=1.4mH; VCE= 400V
RG= 100Ω; VGE= 15V
Fig. 13 - Typ. Energy Loss vs. IC
TJ = 150°C; L=1.4mH; VCE= 400V
RG= 100Ω; VGE= 15V
Fig. 16 - Typ. Switching Time vs. RG
TJ = 150°C; L=1.4mH; VCE= 400V
ICE= 5.0A; VGE= 15V
Fig. 15 - Typ. Energy Loss vs. RG
TJ = 150°C; L=1.4mH; VCE= 400V
ICE= 5.0A; VGE= 15V
0
50
100
150
200
RG (Ω)
0
50
100
150
200
250
EON
EOFF
0
5
10
15
20
IC (A)
0
100
200
300
400
500
600
700
EOFF
EON
0
5
10
15
20
IC (A)
1
10
100
1000
tR
tdOFF
tF
tdON
0
50
100
150
200
RG (Ω)
1
10
100
1000
tR
tdOFF
tF
tdON




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRGP30B120KD-EINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRG4IBC30KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRG4ZH70UDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRG4ZC70UDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRGP20B120UD-EINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRGIB6B60KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRG4IBC20FDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRGB4B60KD1INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRGPS40B120UDPINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRG4PF50WDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl