Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2130S Datasheet(PDF) 3 Page - International Rectifier

Part # IR2130S
Description  3-PHASE BRIDGE DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2130S Datasheet(HTML) 3 Page - International Rectifier

  IR2130S Datasheet HTML 1Page - International Rectifier IR2130S Datasheet HTML 2Page - International Rectifier IR2130S Datasheet HTML 3Page - International Rectifier IR2130S Datasheet HTML 4Page - International Rectifier IR2130S Datasheet HTML 5Page - International Rectifier IR2130S Datasheet HTML 6Page - International Rectifier IR2130S Datasheet HTML 7Page - International Rectifier IR2130S Datasheet HTML 8Page - International Rectifier IR2130S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
IR2130/IR2132(J)(S) & (PbF)
www.irf.com
3
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
VIH
Logic “0” Input Voltage (OUT = LO)
21
2.2
VIL
Logic “1” Input Voltage (OUT = HI)
22
0.8
VIT,TH+
ITRIP Input Positive Going Threshold
23
400
490
580
VOH
High Level Output Voltage, VBIAS - VO
24
100
VIN = 0V, IO = 0A
VOL
Low Level Output Voltage, VO
25
100
VIN = 5V, IO = 0A
ILK
Offset Supply Leakage Current
26
50
VB = VS = 600V
IQBS
Quiescent VBS Supply Current
27
15
30
VIN = 0V or 5V
IQCC
Quiescent VCC Supply Current
28
3.0
4.0
mA
VIN = 0V or 5V
IIN+
Logic “1” Input Bias Current (OUT = HI)
29
450
650
VIN = 0V
IIN-
Logic “0” Input Bias Current (OUT = LO)
30
225
400
VIN = 5V
IITRIP+
“High” ITRIP Bias Current
31
75
150
ITRIP = 5V
IITRIP-
“Low” ITRIP Bias Current
32
100
nA
ITRIP = 0V
VBSUV+
VBS Supply Undervoltage Positive Going
33
7.5
8.35
9.2
Threshold
VBSUV-
VBS Supply Undervoltage Negative Going
34
7.1
7.95
8.8
Threshold
VCCUV+
VCC Supply Undervoltage Positive Going
35
8.3
9.0
9.7
Threshold
VCCUV-
VCC Supply Undervoltage Negative Going
36
8.0
8.7
9.4
Threshold
Ron,FLT
FAULT Low On-Resistance
37
55
75
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay
11
500
675
850
toff
Turn-Off Propagation Delay
12
300
425
550
VIN = 0 & 5V
tr
Turn-On Rise Time
13
80
125
VS1,2,3 = 0 to 600V
tf
Turn-Off Fall Time
14
35
55
titrip
ITRIP to Output Shutdown Prop. Delay
15
400
660
920
VIN, VITRIP = 0 & 5V
tbl
ITRIP Blanking Time
400
VITRIP = 1V
tflt
ITRIP to FAULT Indication Delay
16
335
590
845
VIN, VITRIP = 0 & 5V
tflt,in
Input Filter Time (All Six Inputs)
310
VIN = 0 & 5V
tfltclr
LIN1,2,3
to FAULT Clear Time
17
6.0
9.0
12.0
VIN, VITRIP = 0 & 5V
DT
Deadtime
(IR2130)
18
1.3
2.5
3.7
(IR2132)
18
0.4
0.8
1.2
SR+
Operational Amplifier Slew Rate (+)
19
4.4
6.2
SR-
Operational Amplifier Slew Rate (-)
20
2.4
3.2
Dynamic Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V, VS0,1,2,3 = VSS, CL = 1000 pF and TA = 25°C unless otherwise specified. The dynamic
electrical characteristics are defined in Figures 3 through 5.
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V, VS0,1,2,3 = VSS and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters
are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3 . The VO and IO parameters
are referenced to VS0,1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
V
V/µs
µs
ns
V
mV
µA
µA
VIN = 0 & 5V
NOTE: For high side PWM, HIN pulse width must be
≥ 1.5µsec


Similar Part No. - IR2130S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2130S INFINEON-IR2130S Datasheet
306Kb / 26P
   3-PHASE BRIDGE DRIVER
Data Sheet No. PD60019 Rev.P
logo
International Rectifier
IR2130STRPBF IRF-IR2130STRPBF Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IR2130S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com