Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL523A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HAL523A
Description  Hall Effect Sensor Family
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL523A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HAL523A Datasheet HTML 1Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
HAL5xx
4
Micronas
Unipolar Switching Sensors:
The output turns low with the magnetic south pole on the
branded side of the package and turns high if the mag-
netic field is removed. The sensor does not respond to
the magnetic north pole on the branded side.
Unipolar Switching Sensors with Inverted Output:
The output turns high with the magnetic south pole on
the branded side of the package and turns low if the
magnetic field is removed. The sensor does not respond
to the magnetic north pole on the branded side.
Unipolar Switching Sensors with Inverted Output
Sensitive to North Pole:
The output turns high with the magnetic north pole on the
branded side of the package and turns low if the magnet-
ic field is removed. The sensor does not respond to the
magnetic south pole on the branded side.
1.3. Marking Code
All Hall sensors have a marking on the package surface
(branded side). This marking includes the name of the
sensor and the temperature range.
Type
Temperature Range
A
K
E
HAL501
501A
501K
501E
HAL502
502A
502K
502E
HAL503
503A
503K
503E
HAL504
504A
504K
504E
HAL505
505A
505K
505E
HAL506
506A
506K
506E
HAL508
508A
508K
508E
HAL509
509A
509K
509E
HAL516
516A
516K
516E
HAL517
517A
517K
517E
HAL518
518A
518K
518E
HAL519
519A
519K
519E
HAL523
523A
523K
523E
1.3.1. Special Marking of Prototype Parts
Prototype parts are coded with an underscore beneath the
temperature range letter on each IC. They may be used
for lab experiments and design-ins but are not intended to
be used for qualification tests or as production parts.
1.4. Operating Junction Temperature Range
A: TJ = –40 °C to +170 °C
K: TJ = –40 °C to +140 °C
E: TJ = –40 °C to +100 °C
The Hall sensors from Micronas are specified to the chip
temperature (junction temperature TJ).
The relationship between ambient temperature (TA) and
junction temperature is explained in section 5.1. on page
40.
1.5. Hall Sensor Package Codes
Type: 5xx
HAL XXXPA-T
Temperature Range: A, K, or E
Package: SF for SOT-89B
UA for TO-92UA
→ Type: 505
→ Package: TO-92UA
→ Temperature Range: TJ = –40 °C to +100 °C
Example: HAL 505UA-E
Hall sensors are available in a wide variety of packaging
versions and quantities. For more detailed information,
please refer to the brochure: “Ordering Codes for Hall
Sensors”.
1.6. Solderability
all packages: according to IEC68-2-58
During soldering reflow processing and manual rework-
ing, a component body temperature of 260
°C should
not be exceeded.
Components stored in the original packaging should
provide a shelf life of at least 12 months, starting from the
date code printed on the labels, even in environments as
extreme as 40
°C and 90% relative humidity.
OUT
GND
3
2
1
VDD
Fig. 1–1: Pin configuration


Similar Part No. - HAL523A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL523 MICRONAS-HAL523 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL523 MICRONAS-HAL523 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL523SF-A MICRONAS-HAL523SF-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL523SF-K MICRONAS-HAL523SF-K Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL523UA-A MICRONAS-HAL523UA-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
More results

Similar Description - HAL523A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com