Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APC88K Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # APC88K
Description  Register control via COXITRON (Pelco)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

APC88K Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  APC88K Datasheet HTML 1Page - A1 PROs co., Ltd. APC88K Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Address
Rm. 813, Woorim W-CITY 618, Sampyeoung-dong, Bundang-Gu, Seongnam-si, Gyeonggi-do, Korea
Connector Pin map
+12V GND Video
TDN MA+
TDN MA -
+12V
GND
CDS IN
IR LED
G
N
D
D
R
V
+
D
M
P
+
D
M
P
-
M
O
D
E
G
N
D
F
S
C
K
F
S
D
F
S
D
O
F
S
C
S
G
N
D
R
X
T
X
+
3
.
3
V
R
S
4
8
5
E
N
G
N
D
O
S
D
L
I
N
E
L
O
C
K
EXT LED
SELECT
LEFT
UP
RIGHT
DOWN
GND
VIDEO 2
GND


Similar Part No. - APC88K

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC8866D BEL-APC8866D Datasheet
74Kb / 2P
   ISDN S Interface Hybrid
More results

Similar Description - APC88K

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZEPIR000102ZCOG ZILOG-ZEPIR000102ZCOG Datasheet
490Kb / 17P
   Sensitivity control via simple hardware configuration
ZEPIR000103KITG ZILOG-ZEPIR000103KITG Datasheet
266Kb / 18P
   Sensitivity control via simple hardware configuration
logo
ETAL Group
REX12D ETAL-REX12D Datasheet
1Mb / 6P
   Control, diagnosis and monitoring via IO link
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
logo
Rosenberger Hochfrequen...
B2BS101-S02L5 ROSENBERGER-B2BS101-S02L5 Datasheet
550Kb / 2P
   VIA Adaptor
logo
List of Unclassifed Man...
SNMPWEBCARD ETC2-SNMPWEBCARD Datasheet
504Kb / 4P
   For remote monitoring and control via SNMP, Web or Telnet
logo
Fairchild Semiconductor
DM74LS503 FAIRCHILD-DM74LS503 Datasheet
45Kb / 4P
   8-Bit Successive Approximation Register (with Expansion Control)
logo
STMicroelectronics
TS4975 STMICROELECTRONICS-TS4975 Datasheet
747Kb / 33P
   Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
logo
Rosenberger Hochfrequen...
B2BS101-S01L5 ROSENBERGER-B2BS101-S01L5 Datasheet
559Kb / 2P
   VIA Adaptor
logo
STMicroelectronics
TS4975 STMICROELECTRONICS-TS4975_05 Datasheet
795Kb / 36P
   Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com