Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V83L20PA Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V83L20PA
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V83L20PA Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V83L20PA Datasheet HTML 3Page - Integrated Device Technology IDT72V83L20PA Datasheet HTML 4Page - Integrated Device Technology IDT72V83L20PA Datasheet HTML 5Page - Integrated Device Technology IDT72V83L20PA Datasheet HTML 6Page - Integrated Device Technology IDT72V83L20PA Datasheet HTML 7Page - Integrated Device Technology IDT72V83L20PA Datasheet HTML 8Page - Integrated Device Technology IDT72V83L20PA Datasheet HTML 9Page - Integrated Device Technology IDT72V83L20PA Datasheet HTML 10Page - Integrated Device Technology IDT72V83L20PA Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Commercial Temperature Range
IDT72V81/72V82/72V83/72V84/72V85
USAGE MODES:
Width Expansion
Word width may be increased simply by connecting the corresponding
input control signals of multiple FIFOs. Status flags (
EF, FF and HF) can be
detected from any one FIFO. Figure 13 demonstrates an 18-bit word width by
usingthetwoFIFOscontainedintheIDT72V81/72V82/72V83/72V84/72V85s.
Any word width can be attained by adding FIFOs (Figure 13).
Bidirectional Operation
Applications which require data buffering between two systems (each
system capable of Read and Write operations) can be achieved by pairing
IDT72V81/72V82/72V83/72V84/72V85s as shown in Figure 16. Both Depth
Expansion and Width Expansion may be used in this mode.
Data Flow-Through
Two types of flow-through modes are permitted, a read flow-through
and write flow-through mode. For the read flow-through mode (Figure 17), the
FIFO permits a reading of a single word after writing one word of data into an
empty FIFO. The data is enabled on the bus in (tWEF + tA) ns after the rising
edge of
W,calledthefirstwriteedge,anditremainsonthe busuntiltheRline
is raised from low-to-high, after which the bus would go into a three-state mode
after tRHZns. The
EFlinewouldhaveapulseshowingtemporarydeassertion
and then would be asserted.
In the write flow-through mode (Figure 18), the FIFO permits the writing
of a single word of data immediately after reading one word of data from a
full FIFO. The
Rline causes the FFto be deasserted but the Wline being low
causes it to be asserted again in anticipation of a new data word. On the rising
edgeof
W,thenewwordisloadedintheFIFO.TheWlinemustbetoggledwhen
FFisnotassertedtowritenewdataintheFIFOandtoincrementthewritepointer.
Compound Expansion
The two expansion techniques described above can be applied together
in a straightforward manner to achieve large FIFO arrays (see Figure 15).
Figure 12. Block Diagram of One 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 FIFO Used in Single Device Mode
Figure 13. Block Diagram of One 512 x 18, 1,024 x 18, 2,048 x 18, 4,096 x 18 and 8,192 x 18 FIFO Memory Used in Width Expansion Mode
XIA
XIB
9
9
18
9
18
HFB
HFA
9
WRITE (
W)
FULL FLAG (
FFA)
RESET (
RS)
READ (
R)
EMPTY FLAG (
EFB)
RETRANSMIT (
RT)
DATA OUT (Q)
3966 drw 15
FIFO A
FIFO B
72V81/72V82/72V83
72V84/72V85
DATA
(D)
IN
WRITE (
W)
DATA IN (D)
FULL FLAG (
FF)
RESET (
RS)
9
READ (
R)
9
DATA OUT (Q)
EMPTY FLAG (
EF)
RETRANSMIT (
RT)
EXPANSION IN (
XI)
(
HF)
IDT
72V81
72V82
72V83
72V84
72V85
(HALF-FULL FLAG)
3966 drw 14
FIFO
A or B


Similar Part No. - IDT72V83L20PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V83L20PAG IDT-IDT72V83L20PAG Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V83L20PAGI IDT-IDT72V83L20PAGI Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
More results

Similar Description - IDT72V83L20PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com