Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1857 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE1857
Description  Integrated Circuit Stepper Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1857 Datasheet(HTML) 3 Page - NTE Electronics

  NTE1857 Datasheet HTML 1Page - NTE Electronics NTE1857 Datasheet HTML 2Page - NTE Electronics NTE1857 Datasheet HTML 3Page - NTE Electronics NTE1857 Datasheet HTML 4Page - NTE Electronics NTE1857 Datasheet HTML 5Page - NTE Electronics NTE1857 Datasheet HTML 6Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics (Cont’d):
(Specifications apply over the recommended supply
voltage and temperature ranges unless otherwise spe–
cified, See Notes 2, 3)
Parameter
Pins
Symbol
Test Conditions
Min
Typ
Max
Unit
Phase A Output
Output Low Voltage
11
VOLA
IOA = 8mA
0.4
V
Off State Leakage Current
IOHA
VOHA = 16.5V
100
µA
Power Supply
Power Supply Current
16
IMW
IOD = 0µA,
µ
L3 = VOHD, L4 = VOLD
70
mA
IMZ
IBS = –300µA,
L1 = V
,
L3 = HiZ, L4 = HiZ
40
mA
IMN
L1 = VOHD,
L2 = VOLD
L3 = VOHD, L4 = VOLD
75
mA
Bias/Set Current
To Set Phase A
6
IBS
–5.0
µA
Note 2. Algebraic convention rather than absolute values is used to designate limit values.
Note 3. Current into a pin is designated as positive. Current out of a pin is designated as negative.
AC Switching Characteristics: (TA = +25°C, VM = 12V unless otherwise specified)
Parameter
Pins
Symbol
Test Conditions
Min
Typ
Max
Unit
Clock Frequency
7
fCK
0
50
kHz
Clock Pulse Width – High
7
PWCKH
10
µs
Clock Pulse Width – Low
7
PWCKL
10
µs
Bias/Set Pulse Width
6
PWBS
10
µs
Setup Time – CW/CCW and F/HS
10–7, 9–7
tsu
5
µs
Hold Time – CW/CCW and F/HS
10–7, 9–7
th
10
µs
Propagation Delay – Clk–to–Driver Output
tPCD
8
µs
Propagation Delay – Bias/Set–to–Driver Output
tPBSD
1
µs
Propagation Delay – Clk–to–Phase A Low
7–11
tPHLA
12
µs
Propagation Delay – Clk–to–Phase A High
7–11
tPLHA
5
µs
Pin Description:
Name
Symbol
Pin #
Description
Power Supply
VM
16
Power supply pin for both the logic circuit and the motor coil current. Volt-
age is +7.2 to +16.5V.
Ground
GND
4, 5,
12, 13
Ground pins for the logic circuit and the motor coil current. The physical
configuration of the pins aids in dissipating heat from within the IC pack-
age.
Clamp Diode
Voltage
VD
1
This pin is used to protect the outputs where large voltage spikes may oc-
cur as the motor coils are switched. Typically a diode is connected be-
tween this pin and Pin16.
Driver Outputs
L1, L2,
L3, L4
2, 3,
14, 15
High current outputs for the motor coils. L1 and L2 are connected to one
coil, and L3 and L4 to the other coil.
Bias/Set
B/S
6
This pin is typically 0.7 below VM. The current out of this pin (through a
resistor to GND) determines the maximum output sink current. If the pin
is opened (IBS < 5.0µA) the outputs assume a high impedance condition,
while the internal logic presets to a Phase A condition.
Clock
Clk
7
The positive edge of the clock input switches the outputs to the next posi-
tion. This input has no effect if Pin6 is open.


Similar Part No. - NTE1857

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE185 NTE-NTE185 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Power Amp, Switch
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
   Integrated Circuit Dual 12W/Channel Audio Power Amplifier
NTE1851 NTE-NTE1851 Datasheet
32Kb / 4P
   Integrated Circuit Audio Amplifier, 24W BTL
NTE1852 NTE-NTE1852 Datasheet
90Kb / 2P
   Integrated Circuit 4W Audio Amplifier with DC Volume Control
NTE1853 NTE-NTE1853 Datasheet
40Kb / 6P
   Integrated Circuit Digital Filter for Compact Disc Digital Audio System
More results

Similar Description - NTE1857

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
   Integrated Circuit Stepper Motor Driver
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com