Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA152EA250 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA152EA250
Description  Single-Supply DIFFERENCE AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA152EA250 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button INA152EA250 Datasheet HTML 6Page - Burr-Brown (TI) INA152EA250 Datasheet HTML 7Page - Burr-Brown (TI) INA152EA250 Datasheet HTML 8Page - Burr-Brown (TI) INA152EA250 Datasheet HTML 9Page - Burr-Brown (TI) INA152EA250 Datasheet HTML 10Page - Burr-Brown (TI) INA152EA250 Datasheet HTML 11Page - Burr-Brown (TI) INA152EA250 Datasheet HTML 12Page - Burr-Brown (TI) INA152EA250 Datasheet HTML 13Page - Burr-Brown (TI) INA152EA250 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
INA152
10
SBOS184
FIGURE 7. Precision Gain = 2 Amplifier.
FIGURE 10. Precision Summing Amplifier.
FIGURE 12. Precision Summing Amplifier with Gain.
V
1
5
6
1
3
V
O = 2 • V1
INA152
2
V
O = V1 + V3
V
1
5
6
1
3
INA152
2
V
3
V
1
6
1
3
V
O
INA152
V
3
25
R
1
R
2
V
O =
1 +
R
2
R
1
V
1 + V3
2
(
)(
)
FIGURE 9. Precision Average Value Amplifier.
(V
1 + V3)
2
V
O =
V
1
5
6
1
3
2
INA152
V
3
FIGURE 8. Precision Gain = 1/2 Amplifier.
V
3
5
6
3
2
INA152
1
V
O =
V
3
2
FIGURE 11.
±5V Precision Voltage Reference.
5
6
1
3
INA152
2
4
2
+10V
6
–5V Out
+5V Out
REF02


Similar Part No. - INA152EA250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA152EA/250 TI1-INA152EA/250 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
INA152EA/250G4 TI1-INA152EA/250G4 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
INA152EA/2K5 TI1-INA152EA/2K5 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
More results

Similar Description - INA152EA250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
logo
Burr-Brown (TI)
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com