Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IR2130 Datasheet(PDF) 1 Page - International Rectifier

Part No. IR2130
Description  3-PHASE BRIDGE DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 
 1 page
background image
Features
Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
Gate drive supply range from 10 to 20V
Undervoltage lockout for all channels
Over-current shutdown turns off all six drivers
Independent half-bridge drivers
Matched propagation delay for all channels
2.5V logic compatible
Outputs out of phase with inputs
Cross-conduction prevention logic
Also available LEAD-FREE
3-PHASE BRIDGE DRIVER
VOFFSET
600V max.
IO+/-
200 mA / 420 mA
VOUT
10 - 20V
ton/off (typ.)
675 & 425 ns
Deadtime (typ.)
2.5 µs (IR2130)
0.8 µs (IR2132)
Data Sheet No. PD60019 Rev.P
IR2130/IR2132(J)(S) & (PbF)
Description
The IR2130/IR2132(J)(S) is a high voltage, high speed
power MOSFET and IGBT driver with three indepen-
dent high and low side referenced output channels. Pro-
prietary HVIC technology enables ruggedized
monolithic construction. Logic inputs are compatible with
CMOS or LSTTL outputs, down to 2.5V logic. A
ground-referenced operational amplifier provides
analog feedback of bridge current via an external cur-
rent sense resistor. A current trip function which termi-
nates all six outputs is also derived from this resistor.
An open drain FAULT signal indicates if an over-cur-
rent or undervoltage shutdown has occurred. The output drivers feature a high pulse current buffer stage designed
for minimum driver cross-conduction. Propagation delays are matched to simplify use at high frequencies. The
floating channels can be used to drive N-channel power MOSFETs or IGBTs in the high side configuration
which operate up to 600 volts.
www.irf.com
1
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only. Please refer
to our Application Notes and DesignTips for proper circuit board layout.
Typical Connection
Product Summary
Packages
28-Lead PDIP
28-Lead SOIC
44-Lead PLCC w/o 12 Leads




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLE6280GP3-Phase Bridge Driver IC 1 2 3 4 5 MoreInfineon Technologies AG
IR21363-PHASE BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
MPIC21303-PHASE BRIDGE DRIVER 1 2 3 4 5 MoreMotorola, Inc
SKIIP312GD120-302WT3-phase bridge SKIIP 312 GD 120 + Driver 302 WT 1 2 3 4 5 MoreSemikron International
SKIIP312GDL120-404WT3-phase bridge with brake chopper SKIIP 312 GDL 120 + Driver 404 WT 1 2 3 4 5 MoreSemikron International
IR21333-PHASE BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IRS21363-PHASE BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IRS2136D3-PHASE BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR21303-PHASE BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR21323-PHASE BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl