Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB25KKG01-12-EB Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB25KKG01-12-EB
Description  General Specifications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB25KKG01-12-EB Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  KB25KKG01-12-EB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKG01-12-EB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKG01-12-EB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKG01-12-EB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKG01-12-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKG01-12-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKG01-12-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKG01-12-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKG01-12-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Series KB
Miniature Pushbuttons
D26
D
www.nkkswitches.com
MOUNTING TYPES & SHAPES
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Notes:
Switch is marked with “+” and “–”.
Lamp circuit is isolated and requires
external power source.
SP
KB15
*KB16
ON
ON
(ON)
ON
2-3
2-1
SPDT
DP
KB25
*KB26
ON
ON
(ON)
ON
2-3 5-6
2-1 5-4
DPDT
Bushing Mounting
S .551” (14.0mm)
Square
Bezel or barrier is an integral part of the switch body. One mounting nut AT057 supplied with each switch.
Snap-in Mounting
R
* When in latchdown position for the alternate circuit, cap position is .055” (1.4mm) above the built-in bezel.
POLES & CIRCUITS
4
6
1
3
25
(COM)
L (+)
(-) L
L (+)
(-) L
2 (COM)
1
3
C
Bezel or barrier is an integral part of the switch body.
.551” (14.0mm)
Round
.551” x .728” (14.0mm x 18.5mm)
Rectangular
K .551” (14.0mm)
Square
N
M .551” (14.0mm)
Round
.551” x .728” (14.0mm x 18.5mm)
Rectangular
HOUSING
K
Housing available in black only. Bezel or barrier is an integral part of the switch body.
Panel Cutouts
Bushing Mounting
Snap-in Mounting
Panel thicknesses, when using optional accessories, are shown with the accessories at the end of this KB section.
Without
Keyway
With
Keyway
Panel Thickness:
.020” ~ .315”
(0.5 ~ 8.0mm)
Panel Thickness:
.039” ~ .138”
(1.0 ~ 3.5mm)
(12.3) Dia
.484
(12.3) Dia
.484
(1.2) R
.047
(6.8)
.268
No barrier
With barrier
No barrier
With barrier
No barrier
With barrier
No barrier
With barrier
(12.3) Dia
.484
(4.9)
.193


Similar Part No. - KB25KKG01-12-EB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB25KKG01 NKK-KB25KKG01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB25KKG01B NKK-KB25KKG01B Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB25KKG01B05A NKK-KB25KKG01B05A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB25KKG01B05BB NKK-KB25KKG01B05BB Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB25KKG01B12A NKK-KB25KKG01B12A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
More results

Similar Description - KB25KKG01-12-EB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com