Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB15KKG01-12-EB Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB15KKG01-12-EB
Description  General Specifications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB15KKG01-12-EB Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  KB15KKG01-12-EB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01-12-EB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01-12-EB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01-12-EB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01-12-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01-12-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01-12-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01-12-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01-12-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Series KB
Miniature Pushbuttons
D25
D
www.nkkswitches.com
TYPICAL SWITCH
ORDERING EXAMPLE
Solid Cap: Lens/Filter Colors
A
Black/None (Nonilluminated Only.
Available in Square and Round Only.)
BB
White/White
FB
Green/White
CB
Red/White
FF
Green/Green
CC
Red/Red
GB
Blue/White
EB
Yellow/White GG
Blue/Blue
12
Incandescent Lamp Used with Solid Cap
05
5-volt
12
12-volt
No Code
Nonilluminated
FF
Incandescent or Neon Used with Insert Cap
05
5-volt
12
12-volt
01
110-volt Neon
No Code
Nonilluminated
LED Cap: Lens/Diffuser Colors
AB
Square Spot Illuminated
Black Cap/White Window
JB
Clear/White
JC
Clear/Red
JD
Clear/Amber
JF
Clear/Green
LED Cap: Lens/Diffuser Colors
JB
Clear/White
Super Bright LED Used with Cap for LED
6B
White
6F
Green
6G
Blue
Bright LED Used with Cap for LED
Colors
Resistor
No Code
No Resistor
05
5-volt
12
12-volt
24
24-volt
5C
Red
5D
Amber
5F
Green
Insert Cap: Lens/Filter Colors
JB
Clear/White
JC
Clear/Red
JE
Clear/Yellow
* JF
Clear/Green
*JG
Clear/Blue
* JF & JG not suitable with neon.
Lamps
Cap Types & Colors


Similar Part No. - KB15KKG01-12-EB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB15KKG01 NKK-KB15KKG01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB15KKG01B NKK-KB15KKG01B Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB15KKG01B05A NKK-KB15KKG01B05A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB15KKG01B05BB NKK-KB15KKG01B05BB Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB15KKG01B12A NKK-KB15KKG01B12A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
More results

Similar Description - KB15KKG01-12-EB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com