Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V71623 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V71623
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2,048 x 2,048
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V71623 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V71623 Datasheet HTML 7Page - Integrated Device Technology IDT72V71623 Datasheet HTML 8Page - Integrated Device Technology IDT72V71623 Datasheet HTML 9Page - Integrated Device Technology IDT72V71623 Datasheet HTML 10Page - Integrated Device Technology IDT72V71623 Datasheet HTML 11Page - Integrated Device Technology IDT72V71623 Datasheet HTML 12Page - Integrated Device Technology IDT72V71623 Datasheet HTML 13Page - Integrated Device Technology IDT72V71623 Datasheet HTML 14Page - Integrated Device Technology IDT72V71623 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
COMMERCIAL TEMPERATURE RANGE
IDT72V71623 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 2,048 x 2,048
Figure 3. Regular Switch Mode
Figure 4. Mux/Demux Mode
TX0
TX3
TX4
TX15
5903 drw05
2 Mb/s
8 Mb/s
DR3-0 = 4H
16 Mb/s
DR3-0 = 8H
TX0
TX15
2 Mb/s
OPEN
RX4
RX15
RX0
RX3
RX0
RX15
16 Mb/s
→ 2 Mb/s
2 Mb/s
→ 8 Mb/s
TABLE 5 — SWITCH MODES
Switching
Control Bits
Data Rate bits/s
Clock Rate
Mode
DR3
DR2
DR1
DR0
Receive Streams
TransmitStreams
MHz
0
0
0
0
2 M on RX0-15
2 M on TX0-15
4
Regular
0
0
0
1
4 M on RX0-15
4 M on TX0-15
8
0
0
1
0
8 M on RX0-15
8 M on TX0-15
16
0
0
1
1
16 M on RX0-7
16 M on TX0-7
16
0
1
0
0
2 M on RX0-15
8 M on TX0-3
16
0
1
0
1
8 M on RX0-3
2 M on TX0-15
16
0
1
1
0
4 M on RX0-15
8 M on TX0-7
16
Mux/Demux
0
1
1
1
8 M on RX0-7
4 M on TX0-15
16
1
0
0
0
16 M on RX0-1
2 M on TX0-15
16
1
0
0
1
2 M on RX0-15
16 M on TX0-3
16
1
0
1
0
16 M on RX0-7
8 M on TX0-15
16
1
0
1
1
8 M on RX0-15
16 M on TX0-7
16
RX0
RX15
TX0
TX15
5903 drw04
2, 4, 8 Mb/s
2, 4, 8 Mb/s
DR3-0 = 0H, 1H, 2H
RX0
RX7
RX8
RX15
16 Mb/s
DR3-0 = 3H
TX0
TX7
TX8
TX15
16 Mb/s
OPEN
16 Mb/s
→ 16 Mb/s
2 Mb/s
→ 2 Mb/s, 4 Mb/s → 4 Mb/s, 8 Mb/s → 8 Mb/s


Similar Part No. - IDT72V71623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V71643 IDT-IDT72V71643 Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
logo
Renesas Technology Corp
IDT72V71643 RENESAS-IDT72V71643 Datasheet
656Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
logo
Integrated Device Techn...
IDT72V71643BC IDT-IDT72V71643BC Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
logo
Renesas Technology Corp
IDT72V71643BCG RENESAS-IDT72V71643BCG Datasheet
656Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
logo
Integrated Device Techn...
IDT72V71643DA IDT-IDT72V71643DA Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
More results

Similar Description - IDT72V71623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V90823 RENESAS-IDT72V90823 Datasheet
949Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
DECEMBER 2002
logo
Integrated Device Techn...
IDT7290820 IDT-IDT7290820 Datasheet
167Kb / 27P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
logo
Renesas Technology Corp
IDT7290820 RENESAS-IDT7290820 Datasheet
356Kb / 28P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
2009
logo
Integrated Device Techn...
IDT72V71643 IDT-IDT72V71643 Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
logo
Renesas Technology Corp
IDT72V71643 RENESAS-IDT72V71643 Datasheet
656Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
IDT72V73263 RENESAS-IDT72V73263 Datasheet
588Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
September 2007
IDT72V73273 RENESAS-IDT72V73273 Datasheet
1Mb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
February 9, 2009
logo
Integrated Device Techn...
IDT72V73273 IDT-IDT72V73273 Datasheet
319Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
IDT72V73263 IDT-IDT72V73263 Datasheet
418Kb / 36P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
IDT72V73273 IDT-IDT72V73273_07 Datasheet
1Mb / 36P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com