Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1053544 Datasheet(PDF) 6 Page - SICK AG

Part # 1053544
Description  PHOTOELECTRIC SENSORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1053544 Datasheet(HTML) 6 Page - SICK AG

  1053544 Datasheet HTML 1Page - SICK AG 1053544 Datasheet HTML 2Page - SICK AG 1053544 Datasheet HTML 3Page - SICK AG 1053544 Datasheet HTML 4Page - SICK AG 1053544 Datasheet HTML 5Page - SICK AG 1053544 Datasheet HTML 6Page - SICK AG 1053544 Datasheet HTML 7Page - SICK AG 1053544 Datasheet HTML 8Page - SICK AG 1053544 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WL12G-3P2582S10 | W12G
PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
WL12-3, WSE12-3
1
4
5
7
6
2
3
19.4
(0.76)
23.1
(0.91)
6.1
(0.24)
24 (0.94)
10 (0.39)
15.6 (0.61)
7.3 (0.29)
42 (1.65)
29.9 (1.18)
12.9
(0.51)
5
①  Optical axis
②  LED indicator yellow: Status of received light beam
③  LED indicator green: Supply voltage active
④  M4 threaded mounting hole, 4 mm deep
⑤  Mounting hole, Ø 4.2 mm
⑥  Sensitivity control: potentiometer
⑦  Connection
Recommended accessories
Other models and accessories
www.sick.com/W12G
Brief description
Type
Part no.
Universal bar clamp systems
Plate N02 for universal clamp bracket, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N02
2051608
Plate N03 for universal clamp bracket, zinc coated, Zinc plated steel (sheet), Zinc die
cast (clamping bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N03
2051609
Plate N04 for universal clamp, steel, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N04
2051610
Device protection (mechanical)
Protective housing for universal clamp, Zinc plated steel (protective housing), Zinc die
cast (clamping bracket), Universal clamp, mounting hardware
BEF-SG-W12-3
2045175
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-08 18:00:44
Subject to change without notice


Similar Part No. - 1053544

ManufacturerPart #DatasheetDescription
logo
SICK AG
1053540 SICK-1053540 Datasheet
4Mb / 9P
   PHOTOELECTRIC SENSORS
1053541 SICK-1053541 Datasheet
4Mb / 9P
   PHOTOELECTRIC SENSORS
1053545 SICK-1053545 Datasheet
4Mb / 9P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 1053544

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com