Electronic Components Datasheet Search |
|
1057556 Datasheet(PDF) 3 Page - SICK AG |
|
1057556 Datasheet(HTML) 3 Page - SICK AG |
3 / 9 page WL12G-3P2472SO3 | W12G PHOTOELECTRIC SENSORS Mechanics/electronics Supply voltage 10 V DC ... 30 V DC 1) Ripple ≤ 5 Vpp 2) Power consumption ≤ 30 mA 3) Output type PNP Output function Complementary Switching mode Light/dark switching Signal voltage NPN HIGH/LOW Approx. Uv / < 3 V Output current Imax. 100 mA Response time ≤ 330 µs 4) Switching frequency ± 1,500 Hz 5) Connection type Male connector M12, 4-pin Circuit protection A 6) C 7) D 8) Protection class III Weight 120 g Polarisation filter ✔ Special device ✔ Housing material Metal, Zinc diecast Optics material Plastic, PMMA Enclosure rating IP66 IP67 Special feature Detecting transparent objects Ambient operating temperature –40 °C ... +60 °C Ambient storage temperature –40 °C ... +75 °C 1) Limit values when operated in short-circuit protected network: max. 8 A. 2) May not exceed or fall below Uv tolerances. 3) Without load. 4) Signal transit time with resistive load. 5) With light/dark ratio 1:1. 6) A = VS connections reverse-polarity protected. 7) C = interference suppression. 8) D = outputs overcurrent and short-circuit protected. Classifications ECl@ss 5.0 27270902 ECl@ss 5.1.4 27270902 ECl@ss 6.0 27270902 ECl@ss 6.2 27270902 ECl@ss 7.0 27270902 ECl@ss 8.0 27270902 ECl@ss 8.1 27270902 ECl@ss 9.0 27270902 2017-11-08 18:00:44 | Online data sheet Subject to change without notice PHOTOELECTRIC SENSORS | SICK 3 |
Similar Part No. - 1057556 |
|
Similar Description - 1057556 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |