Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC9223NNQ1R Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC9223NNQ1R
Description  Multi-Channel TFT LCD Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9223NNQ1R Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC9223NNQ1R Datasheet HTML 5Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 6Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 7Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 8Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 9Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 10Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 11Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 12Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 13Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
EC9223
Multi-Channel TFT LCD Supply
E-CMOS Corp. (www.ecmos.com.tw)
5E26N-Rev. F001
9/13
Compensation
This current mode boost converter has a current sense loop and a voltage feedback loop. The current sense
loop does not need any compensation. The voltage feedback loop is compensated by an external series R-C
network RCOMP and CCOMP from COMP pin to ground. RCOMP sets the high-frequency loop gain and the
unity gain bandwidth of the loop which determines the transient response. CCOMP together with RCOMP determine
the phase margin which relates to loop stability.
Output Capacitor Selection
The output voltage ripple due to converter switching is determined by the output capacitor total capacitance,
COUT, and the output capacitor total effective series resistance, ESR.
The first ripple component can be reduced by increasing COUT. Changing COUT may require adjustment of
compensation R and C in order to provide adequate phase margin and loop bandwidth.
The second ripple component can be reduced by selecting low-ESR ceramic capacitors and using several
smaller capacitors in parallel instead of just one large capacitor.
Inductor Selection
To prevent magnetic saturation of the inductor core the inductor has to be rated for a maximum current larger
than IPK in a given application. Since the chip provides current limit protection of 1.8A (typ) it is generally
recommended that the inductor be rated at least for 1.8A. Selection of the inductor requires trade-off between
the physical size (footprint x height) and its electrical properties (current rating, inductance, resistance). Within a
given footprint and height, an inductor with larger inductance typically comes with lower current rating and often
larger series resistance. Larger inductance typically requires more turns on the winding, a smaller core gap or a
core material with a larger relative permeability. An inductor with a larger physical size has better electrical
properties than a smaller inductor.
It is desirable to reduce the ripple current ∆ILPP in order to reduce voltage noise on the input and output
capacitors. In practice, the inductor is often much larger than the capacitors and it is easier and cheaper to
increase the size of the capacitors. The ripple current ∆ILPP is then chosen the largest possible while at the
same time not degrading the maximum input and output current that the converter can operate with before
reaching the current limit of the chip or the rated current of the inductor.
For example, ∆ILPP could be set to 20% of IMAX.


Similar Part No. - EC9223NNQ1R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EC92 PHILIPS-EC92 Datasheet
47Kb / 3P
   R.F. TRIODE
logo
E-CMOS Corporation
EC9208 E-CMOS-EC9208 Datasheet
653Kb / 11P
   High Efficiency 1MHz, 2A, Step up Regulator
EC9208NNB3R E-CMOS-EC9208NNB3R Datasheet
653Kb / 11P
   High Efficiency 1MHz, 2A, Step up Regulator
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
EC9210NNT2R E-CMOS-EC9210NNT2R Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
More results

Similar Description - EC9223NNQ1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9232 E-CMOS-EC9232 Datasheet
314Kb / 14P
   Multi-Channel TFT LCD Supply
logo
Intersil Corporation
ISL97522 INTERSIL-ISL97522 Datasheet
415Kb / 20P
   4-Channel TFT-LCD Supply
logo
Renesas Technology Corp
ISL97522 RENESAS-ISL97522 Datasheet
900Kb / 20P
   4-Channel TFT-LCD Supply
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com