Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC9223 Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC9223
Description  Multi-Channel TFT LCD Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9223 Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC9223 Datasheet HTML 5Page - E-CMOS Corporation EC9223 Datasheet HTML 6Page - E-CMOS Corporation EC9223 Datasheet HTML 7Page - E-CMOS Corporation EC9223 Datasheet HTML 8Page - E-CMOS Corporation EC9223 Datasheet HTML 9Page - E-CMOS Corporation EC9223 Datasheet HTML 10Page - E-CMOS Corporation EC9223 Datasheet HTML 11Page - E-CMOS Corporation EC9223 Datasheet HTML 12Page - E-CMOS Corporation EC9223 Datasheet HTML 13Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
EC9223
Multi-Channel TFT LCD Supply
E-CMOS Corp. (www.ecmos.com.tw)
5E26N-Rev. F001
10/13
Positive Charge Pump (VGH)
The positive charge pump is used to generate the TFT LCD gate on voltage. The output voltage, VGH, can be set by an
external resistive divider. Voltage VFBP is 1.2V. A single stage charge pump can produce an output voltage less than
approximately twice the charge pump input voltage AVDD. The output voltage VGH is regulated as the following equation.
The negative charge pump is used to generate the TFT LCD gate off voltage. The output voltage, VGL, is set
with an external resistive divider from its output to REF with the midpoint connected to FBN. The error amplifier
compares the feedback signal from FBN with an internal reference 240mV. The output voltage VGL is regulated
as the following equation. VREF is 1.2V.
VCOM Buffer
The VCOM buffer generates the bias supply for the back plane of an LCD screen which is capacitively coupled to
the pixel drive voltage. The purpose of the VCOM buffer is to hold the bias voltage steady while pixel voltage
changes dynamically. The buffer is designed to sustain up to ±75mA of output current. In transients, it can
deliver up to 150mA at which point the over current protection circuit limits the output current. Excessive current
draw over a period of time may cause the chip temperature to rise and set off the over temperature protection
circuit.


Similar Part No. - EC9223

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EC92 PHILIPS-EC92 Datasheet
47Kb / 3P
   R.F. TRIODE
logo
E-CMOS Corporation
EC9208 E-CMOS-EC9208 Datasheet
653Kb / 11P
   High Efficiency 1MHz, 2A, Step up Regulator
EC9208NNB3R E-CMOS-EC9208NNB3R Datasheet
653Kb / 11P
   High Efficiency 1MHz, 2A, Step up Regulator
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
EC9210NNT2R E-CMOS-EC9210NNT2R Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
More results

Similar Description - EC9223

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9232 E-CMOS-EC9232 Datasheet
314Kb / 14P
   Multi-Channel TFT LCD Supply
logo
Intersil Corporation
ISL97522 INTERSIL-ISL97522 Datasheet
415Kb / 20P
   4-Channel TFT-LCD Supply
logo
Renesas Technology Corp
ISL97522 RENESAS-ISL97522 Datasheet
900Kb / 20P
   4-Channel TFT-LCD Supply
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com