Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL503K Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HAL503K
Description  Hall Effect Sensor Family
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL503K Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HAL503K Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL503K Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL503K Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL503K Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL503K Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL503K Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL503K Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL503K Datasheet HTML 12Page - List of Unclassifed Manufacturers HAL503K Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
HAL5xx
9
Micronas
3.7. Magnetic Characteristics Overview at TJ = –40 °C to +170 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Sensor
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Unit
Switching type
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
HAL 501
–40
°C
–0.8
0.6
2.5
–2.5
–0.8
0.8
0.5
1.4
2
mT
bipolar
25
°C
–0.5
0.5
2.3
–2.3
–0.7
0.5
0.5
1.2
1.9
mT
170
°C
–1.5
0.7
3
–2.5
–0.2
2
0.4
0.9
1.8
mT
HAL 502
–40
°C
1
2.8
5
–5
–2.8
–1
4.5
5.6
7.2
mT
latching
25
°C
1
2.6
4.5
–4.5
–2.6
–1
4.5
5.2
7
mT
170
°C
0.9
2.3
4.3
–4.3
–2.3
–0.9
3.5
4.6
6.8
mT
HAL 503
–40
°C
6.4
8.6
10.8
–10.8
–8.6
–6.4
14.6
17.2
20.6
mT
latching
25
°C
6
8
10
–10
–8
–6
13.6
16
18
mT
170
°C
4
6.4
8.9
–8.9
–6
–4
11
12.4
16
mT
HAL 504
–40
°C
10.3
13
15.7
5.3
7.5
9.6
4.4
5.5
6.5
mT
unipolar
25
°C
9.5
12
14.5
5
7
9
4
5
6.5
mT
170
°C
8.5
10.2
13.7
4.2
5.9
8.5
3.2
4.3
6.4
mT
HAL 505
–40
°C
11.8
15
18.3
–18.3
–15
–11.8
26
30
34
mT
latching
25
°C
11
13.5
17
–17
–13.5
–11
24
27
32
mT
170
°C
9.4
11.7
16.1
–16.1
–11.7
–9.4
20
23.4
31.3
mT
HAL 506
–40
°C
4.3
5.9
7.7
2.1
3.8
5.4
1.6
2.1
2.8
mT
unipolar
25
°C
3.8
5.5
7.2
2
3.5
5
1.5
2
2.7
mT
170
°C
3.2
4.6
6.8
1.7
3
5.2
0.9
1.6
2.6
mT
HAL 508
–40
°C
15.5
19
21.9
14
16.7
20
1.6
2.3
2.8
mT
unipolar
25
°C
15
18
20.7
13.5
16
19
1.5
2
2.7
mT
170
°C
12.7
15.3
20
11.4
13.6
18.3
1
1.7
2.6
mT
HAL 509
–40
°C
23.1
27.4
31.1
19.9
23.8
27.2
2.9
3.6
3.9
mT
unipolar
25
°C
23.1
26.8
30.4
19.9
23.2
26.6
2.8
3.5
3.9
mT
170
°C
21.3
25.4
28.9
18.3
22.1
25.3
2.5
3.3
3.8
mT
HAL 516
–40
°C
2.1
3.8
5.4
4.3
5.9
7.7
1.6
2.1
2.8
mT
unipolar
25
°C
2
3.5
5
3.8
5.5
7.2
1.5
2
2.7
mT
inverted
170
°C
1.7
3
5.2
3.2
4.6
6.8
0.9
1.6
2.6
mT
HAL 517
–40
°C
14
17.1
21.5
15.5
19.6
22.5
1.6
2.5
3
mT
unipolar
25
°C
13.5
16.2
19
15
18.3
20.7
1.5
2.1
2.7
mT
inverted
170
°C
9
12.3
18
10.5
13.7
20
0.8
1.4
2.4
mT
HAL 518
–40
°C
14
16.7
20
15.5
19
22
1.5
2.3
3
mT
unipolar
25
°C
13.5
16
19
15
18
20.7
1.4
2
2.8
mT
inverted
170
°C
11
13.6
18.3
12.2
15.3
20
0.8
1.7
2.6
mT
Note: For detailed descriptions of the individual types, see pages 14 and following.


Similar Part No. - HAL503K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL503 MICRONAS-HAL503 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL503 MICRONAS-HAL503 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL503SF-A MICRONAS-HAL503SF-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL503SF-K MICRONAS-HAL503SF-K Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL503UA-A MICRONAS-HAL503UA-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
More results

Similar Description - HAL503K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com