Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL502K Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HAL502K
Description  Hall Effect Sensor Family
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL502K Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HAL502K Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL502K Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL502K Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL502K Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL502K Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL502K Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL502K Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL502K Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL502K Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
HAL5xx
6
Micronas
3. Specifications
3.1. Outline Dimensions
Fig. 3–1:
Plastic Small Outline Transistor Package
(SOT-89B)
Weight approximately 0.035 g
Dimensions in mm
4.55
1.7
min.
0.25
2.55
0.4
0.4
0.4
1.5
3.0
0.06 ±0.04
branded side
SPGS0022-5-A3/2E
y
12
3
4 ±0.2
0.15
0.3
2
∅ 0.2
sensitive area
top view
1.15
3.2. Dimensions of Sensitive Area
0.25 mm x 0.12 mm
3.3. Positions of Sensitive Areas
SOT-89B
TO-92UA
x
center of
the package
center of
the package
y
0.95 mm nominal
1.0 mm nominal
Fig. 3–2:
Plastic Transistor Single Outline Package
(TO-92UA)
Weight approximately 0.12 g
Dimensions in mm
0.55
branded side
0.36
0.8
0.3
45
°
y
14.0
min.
1.27
1.27
2.54
12
3
0.42
4.06 ±0.1
3.05 ±0.1
0.48
SPGS7002-9-A/2E
∅ 0.4
sensitive area
1.5
Note: For all package diagrams, a mechanical tolerance
of
±0.05 mm applies to all dimensions where no tolerance
is explicitly given.
An improvement of the TO-92UA package with reduced
tolerances will be introduced end of 2001.


Similar Part No. - HAL502K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL502 MICRONAS-HAL502 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL502 MICRONAS-HAL502 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL502SF-A MICRONAS-HAL502SF-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL502SF-K MICRONAS-HAL502SF-K Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL502UA-A MICRONAS-HAL502UA-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
More results

Similar Description - HAL502K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com