Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9289-65EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9289-65EB
Description  Serial LVDS 3 V A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289-65EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9289-65EB Datasheet HTML 3Page - Analog Devices AD9289-65EB Datasheet HTML 4Page - Analog Devices AD9289-65EB Datasheet HTML 5Page - Analog Devices AD9289-65EB Datasheet HTML 6Page - Analog Devices AD9289-65EB Datasheet HTML 7Page - Analog Devices AD9289-65EB Datasheet HTML 8Page - Analog Devices AD9289-65EB Datasheet HTML 9Page - Analog Devices AD9289-65EB Datasheet HTML 10Page - Analog Devices AD9289-65EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AD9289
Rev. 0 | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect
To
Min
Max
Unit
ELECTRICAL
AVDD
AGND
–0.3
+3.9
V
DRVDD
DRGND
–0.3
+3.9
V
AGND
DRGND
–0.3
+0.3
V
AVDD
DRVDD
–3.9
+3.9
V
Digital Outputs (D1+,
D1–, DCO+, DCO–,
FCO+, FCO–)
DRGND
–0.3
DRVDD
V
LOCK, LVDSBIAS
DRGND
–0.3
DRVDD
V
CLK+, CLK–
AGND
–0.3
AVDD
V
VIN+, VIN–
AGND
–0.3
AVDD
V
PDWN, DFS, DTP
AGND
–0.3
AVDD
V
REFT, REFB,
SHARED_REF, CML
AGND
–0.3
AVDD
V
VREF, SENSE
AGND
–0.3
AVDD
V
ENVIRONMENTAL
Operating
Temperature Range
(Ambient)
–40
+85
°C
Maximum Junction
Temperature
150
°C
Lead Temperature
(Soldering, 10 sec)
300
°C
Storage
Temperature Range
(Ambient)
–65
+150
°C
Thermal
Impedance1
40
°C/W
EXPLANATION OF TEST LEVELS
I. 100% production tested.
II.
100% production tested at 25°C and guaranteed by design
and characterization at specified temperatures.
III.
Sample tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V. Parameter is a typical value only.
VI.
100% production tested at 25°C and guaranteed by design
and characterization for industrial temperature range.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 θJA for a 4-layer PCB with solid ground plane in still air.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9289-65EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9289-65EB1 AD-AD9289-65EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9289-65EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229_17 Datasheet
785Kb / 41P
   Serial, LVDS, 3 V A/D Converter
AD9228 AD-AD9228_17 Datasheet
1Mb / 57P
   Serial LVDS 1.8 V A/D Converter
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
logo
Texas Instruments
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
[Old version datasheet]   80 MSPS A/D Converter with Serial LVDS Outputs
logo
Analog Devices
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com