Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9228-65EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9228-65EBZ
Description  Serial LVDS 1.8 V A/D Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9228-65EBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9228-65EBZ Datasheet HTML 1Page - Analog Devices AD9228-65EBZ Datasheet HTML 2Page - Analog Devices AD9228-65EBZ Datasheet HTML 3Page - Analog Devices AD9228-65EBZ Datasheet HTML 4Page - Analog Devices AD9228-65EBZ Datasheet HTML 5Page - Analog Devices AD9228-65EBZ Datasheet HTML 6Page - Analog Devices AD9228-65EBZ Datasheet HTML 7Page - Analog Devices AD9228-65EBZ Datasheet HTML 8Page - Analog Devices AD9228-65EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
AD9228
Data Sheet
Rev. E | Page 2 of 56
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 3
 
Specifications..................................................................................... 4
 
AC Specifications.......................................................................... 5
 
Digital Specifications ................................................................... 6
 
Switching Specifications .............................................................. 7
 
Timing Diagrams.............................................................................. 8
 
Absolute Maximum Ratings.......................................................... 10
 
Thermal Impedance ................................................................... 10
 
ESD Caution................................................................................ 10
 
Pin Configuration and Function Descriptions........................... 11
 
Equivalent Circuits ......................................................................... 13
 
Typical Performance Characteristics ........................................... 15
 
Theory of Operation ...................................................................... 20
 
Analog Input Considerations ................................................... 20
 
Clock Input Considerations...................................................... 23
 
Serial Port Interface (SPI).............................................................. 31
 
Hardware Interface..................................................................... 31
 
Memory Map .................................................................................. 33
 
Reading the Memory Map Table.............................................. 33
 
Reserved Locations .................................................................... 33
 
Default Values ............................................................................. 33
 
Logic Levels................................................................................. 33
 
Evaluation Board ............................................................................ 37
 
Power Supplies ............................................................................ 37
 
Input Signals................................................................................ 37
 
Output Signals ............................................................................ 37
 
Default Operation and Jumper Selection Settings................. 38
 
Alternative Analog Input Drive Configuration...................... 39
 
Outline Dimensions ....................................................................... 53
 
Ordering Guide .......................................................................... 53
 


Similar Part No. - AD9228-65EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9228-65EBZ AD-AD9228-65EBZ Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
More results

Similar Description - AD9228-65EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9229 AD-AD9229_17 Datasheet
785Kb / 41P
   Serial, LVDS, 3 V A/D Converter
AD9289 AD-AD9289_17 Datasheet
917Kb / 33P
   Serial LVDS 3 V A/D Converter
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9253 AD-AD9253_17 Datasheet
1Mb / 41P
   Serial LVDS 1.8 V Analog-to-Digital Converter
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com