Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9216BCPZ-65 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9216BCPZ-65
Description  10-Bit, 65/80/105 MSPS Dual A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9216BCPZ-65 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9216BCPZ-65 Datasheet HTML 7Page - Analog Devices AD9216BCPZ-65 Datasheet HTML 8Page - Analog Devices AD9216BCPZ-65 Datasheet HTML 9Page - Analog Devices AD9216BCPZ-65 Datasheet HTML 10Page - Analog Devices AD9216BCPZ-65 Datasheet HTML 11Page - Analog Devices AD9216BCPZ-65 Datasheet HTML 12Page - Analog Devices AD9216BCPZ-65 Datasheet HTML 13Page - Analog Devices AD9216BCPZ-65 Datasheet HTML 14Page - Analog Devices AD9216BCPZ-65 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
AD9216
Rev. A | Page 10 of 40
Pin No.
Mnemonic
Description
46 to 51,
54 to 57
D0_A (LSB) to
D9_A (MSB)
Channel A Data Output Bits.
59
OEB_A
Output Enable for Channel A.
Logic 0 enables Data Bus A.
Logic 1 sets outputs to High-Z.
60
PDWN_A
Power-Down Function Selection for Channel A.
Logic 0 enables Channel A.
Logic 1 powers down Channel A. (Outputs static, not High-Z.)
61
MUX_SELECT
Data Multiplexed Mode. (See Data Format section for how to enable.)
62
SHARED_REF
Shared Reference Control Bit. Low for independent reference mode; high for shared reference mode.
63
CLK_A
Clock Input Pin for Channel A.
1 It is recommended that all ground pins (AGND and DRGND) be tied to a common ground plane.


Similar Part No. - AD9216BCPZ-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216BCPZ-105 AD-AD9216BCPZ-105 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216BCPZ-80 AD-AD9216BCPZ-80 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
More results

Similar Description - AD9216BCPZ-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com