Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL504N Datasheet(PDF) 5 Page - GOOD-ARK Electronics

Part # GAL504N
Description  PRESS FIT AUTOMOTIVE RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GAL504N Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  GAL504N Datasheet HTML 1Page - GOOD-ARK Electronics GAL504N Datasheet HTML 2Page - GOOD-ARK Electronics GAL504N Datasheet HTML 3Page - GOOD-ARK Electronics GAL504N Datasheet HTML 4Page - GOOD-ARK Electronics GAL504N Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PRESS FIT AUTOMOTIVE RECTIFIER
苏州固锝电子股份有限公司
SUZHOU GOOD-ARK ELECTRONIC CO., LTD
4.2
35A
STD
SYMBOLS
GAL351 GAL352 GAL353 GAL354 GAL356 UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
70
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
100
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
At TC = 105OC
I(AV)
35
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
500
Amps
Rating for fusing (t<8.3ms)
I2t
1037
A2S
Maximum Instantaneous Forward Voltage Drop at
100A
VF
1.08
Volts
Maximum DC Reverse Current at Rated
TA
= 25 OC
DC
Blocking
Voltage
TC = 150 OC
IR
5.0
250
µA
Typical Thermal Resistance
RθJL
0.8
OC/W
Operating and Storage Temperature Rang
TJ, TSTG
(-40 to +175)
OC
NOTES:
1.Enough heatsink must be considered in application.


Similar Part No. - GAL504N

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL-16V8 LATTICE-GAL-16V8 Datasheet
340Kb / 23P
   High Performance E2CMOS PLD
GAL16LV8 LATTICE-GAL16LV8 Datasheet
338Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL16LV8 LATTICE-GAL16LV8 Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL16LV8C-10LJ LATTICE-GAL16LV8C-10LJ Datasheet
338Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL16LV8C-10LJ LATTICE-GAL16LV8C-10LJ Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL504N

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AM251 CHENYI-AM251 Datasheet
151Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
LPRG351 PFS-LPRG351 Datasheet
176Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GAH401 GOOD-ARK-GAH401 Datasheet
130Kb / 2P
   Press Fit Automotive Rectifier
GAM251 GOOD-ARK-GAM251 Datasheet
124Kb / 2P
   Press Fit Automotive Rectifier
GAM501 GOOD-ARK-GAM501 Datasheet
130Kb / 2P
   Press Fit Automotive Rectifier
logo
Shanghai Lunsure Electr...
AM501 CHENYI-AM501 Datasheet
148Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GB304P GOOD-ARK-GB304P Datasheet
370Kb / 5P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
PRB351 PFS-PRB351 Datasheet
161Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
LPR351 PFS-LPR351 Datasheet
172Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
DRH301 PFS-DRH301 Datasheet
178Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
PRBG251 PFS-PRBG251 Datasheet
165Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com