Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GABJ501 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # GABJ501
Description  Press Fit Automotive Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GABJ501 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  GABJ501 Datasheet HTML 1Page - GOOD-ARK Electronics GABJ501 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
120
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Technology: Vacuum soldered
Case: Copper case
Polarity: As marked of case bottom
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting: Press Fit
Weight: 0.229 ounces 6.48 grams
s
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S1
0
5
J
B
A
G2
0
5
J
B
A
G3
0
5
J
B
A
G4
0
5
J
B
A
G6
0
5
J
B
A
Gs
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
0
10
0
20
0
30
0
40
0
6s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
0
70
4
10
1
20
8
20
2
4s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
0
10
0
20
0
30
0
40
0
6s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
d
r
a
w
r
o
f
d
e
i
f
i
t
c
e
r
e
g
a
r
e
v
A
m
u
m
i
x
a
M
C
5
0
1
=
oCI
)
V
A
(
0
5s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
S
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
0
6s
p
m
A
)
S
m
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
RI2t4
9
4
1A2S
A
0
0
1
t
a
p
o
r
d
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
8
0
.
1s
t
l
o
V
T
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
T
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
A
0
5
1
=
oC
I
R
0
.
5
0
5
4
uA
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ L
J
8
.
0
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
5
7
1
+
o
t
5
6
-
oC
GABJ501 thru GABJ506
Press Fit Automotive Rectifier
Voltage Range 100 to 600Volts
Current 50 Amps
Technical Specification:
Mechanical Data:
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
Dimensions in millimeters
Features:
Notes:
1. Enough heatsink must be considered in application.


Similar Part No. - GABJ501

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GABJ501 GOOD-ARK-GABJ501_15 Datasheet
124Kb / 2P
   Press Fit Automotive Rectifier Voltage Range 100 to 600Volts Current 50 Amps
More results

Similar Description - GABJ501

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AM251 CHENYI-AM251 Datasheet
151Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
LPRG351 PFS-LPRG351 Datasheet
176Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GAH401 GOOD-ARK-GAH401 Datasheet
130Kb / 2P
   Press Fit Automotive Rectifier
GAM251 GOOD-ARK-GAM251 Datasheet
124Kb / 2P
   Press Fit Automotive Rectifier
GAM501 GOOD-ARK-GAM501 Datasheet
130Kb / 2P
   Press Fit Automotive Rectifier
logo
Shanghai Lunsure Electr...
AM501 CHENYI-AM501 Datasheet
148Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GB304P GOOD-ARK-GB304P Datasheet
370Kb / 5P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
PRB351 PFS-PRB351 Datasheet
161Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
LPR351 PFS-LPR351 Datasheet
172Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
DRH301 PFS-DRH301 Datasheet
178Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
PRBG251 PFS-PRBG251 Datasheet
165Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com