Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAAH50ZP Datasheet(PDF) 7 Page - GOOD-ARK Electronics

Part # GAAH50ZP
Description  PRESS FIT AUTOMOTIVE RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GAAH50ZP Datasheet(HTML) 7 Page - GOOD-ARK Electronics

  GAAH50ZP Datasheet HTML 1Page - GOOD-ARK Electronics GAAH50ZP Datasheet HTML 2Page - GOOD-ARK Electronics GAAH50ZP Datasheet HTML 3Page - GOOD-ARK Electronics GAAH50ZP Datasheet HTML 4Page - GOOD-ARK Electronics GAAH50ZP Datasheet HTML 5Page - GOOD-ARK Electronics GAAH50ZP Datasheet HTML 6Page - GOOD-ARK Electronics GAAH50ZP Datasheet HTML 7Page - GOOD-ARK Electronics GAAH50ZP Datasheet HTML 8Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PRESS FIT AUTOMOTIVE RECTIFIER
苏州固锝电子股份有限公司
SUZHOU GOOD-ARK ELECTRONIC CO., LTD
4.6
50A
19V-25V
(GAAH50L)
Electrical Characteristics @25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
17
17
17
Volts
Average Rectified Forward Current (TC=105°C)
Io
50
Amps
Repetitive Peak Reverse Surge Current
TC =10msec Dury Cycle <1%
IRSM
50
Amps
Breakdown Voltage (Vbr@Ir=100mA,TC=25°C)
Ir=80Amps, Tc=150
°C, PW=80μ sec
Vbr1
Vbr2
20
22
24
32
Volts
Volts
Forward Voltage Drop (Vfwd)@If=100Amps<300 μ sec
VF
0.95
1.04
1.07
Volts
Peak Forward Surge Current
IFSM
600
Amps
Reverse Leakage (VR=17Vdc)TA=25°C
IR
0.2
1.0
2.0
μ Amps
Operating and Storage Junction Temperature Range
TJ, TSTG
-40 to+175
°C
4.7
50A
24V-32V
(GAAH50Z)
Electrical Characteristics @25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
20
20
20
Volts
Average Rectified Forward Current (TC=105°C)
Io
50
Amps
Repetitive Peak Reverse Surge Current
TC =10msec Dury Cycle <1%
IRSM
50
Amps
Breakdown Voltage (Vbr@Ir=100mA, TC=25°C)
Ir=60Amps, Tc=150
°C, PW=80μ sec
Vbr1
Vbr2
24
25/27
32
40
Volts
Volts
Forward Voltage Drop (Vfwd)@If=100Amps<300 μ
sec
VF
0.95
1.04
1.07
Volts
Peak Forward Surge Current
IFSM
600
Amps
Reverse Leakage (VR=20Vdc)TA=25°C
IR
0.2
1.0
2.0
μ Amps
Operating and Storage Junction Temperature Range
TJ, TSTG
-40 to+175
°C


Similar Part No. - GAAH50ZP

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GAAH30 GOOD-ARK-GAAH30 Datasheet
57Kb / 1P
   Press Fit Avalanche Automotive Rectifier (HITACHI)
GAAH30 GOOD-ARK-GAAH30_15 Datasheet
57Kb / 1P
   Press Fit Avalanche Automotive Rectifier (HITACHI)Avalanche Voltage 24 to 32Volts Current 30 Amps
GAAH40 GOOD-ARK-GAAH40 Datasheet
57Kb / 1P
   Press Fit Avalanche Automotive Rectifier
GAAH40M GOOD-ARK-GAAH40M Datasheet
53Kb / 1P
   Press Fit Avalanche Automotive Rectifier (HITACHI)
GAAH40M GOOD-ARK-GAAH40M_15 Datasheet
53Kb / 1P
   Press Fit Avalanche Automotive Rectifier (HITACHI)Avalanche Voltage 36 to 41Volts Current 40 Amps
More results

Similar Description - GAAH50ZP

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AM251 CHENYI-AM251 Datasheet
151Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
LPRG351 PFS-LPRG351 Datasheet
176Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GAH401 GOOD-ARK-GAH401 Datasheet
130Kb / 2P
   Press Fit Automotive Rectifier
GAM251 GOOD-ARK-GAM251 Datasheet
124Kb / 2P
   Press Fit Automotive Rectifier
GAM501 GOOD-ARK-GAM501 Datasheet
130Kb / 2P
   Press Fit Automotive Rectifier
logo
Shanghai Lunsure Electr...
AM501 CHENYI-AM501 Datasheet
148Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GB304P GOOD-ARK-GB304P Datasheet
370Kb / 5P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
PRB351 PFS-PRB351 Datasheet
161Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
LPR351 PFS-LPR351 Datasheet
172Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
DRH301 PFS-DRH301 Datasheet
178Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
PRBG251 PFS-PRBG251 Datasheet
165Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com