Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFL2208J Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # DFL2208J
Description  Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

DFL2208J Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  DFL2208J Datasheet HTML 1Page - GOOD-ARK Electronics DFL2208J Datasheet HTML 2Page - GOOD-ARK Electronics DFL2208J Datasheet HTML 3Page - GOOD-ARK Electronics DFL2208J Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DFL2202J thru DFL2210J
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
Reverse Voltage 200~1000V Output Current 2.2A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
0.01
0.1
1
10
100
0
0.3
0.6
0.9
1.2
1.5
1.8
Instantaneous Forward Voltage (V)
25℃
125℃
150℃
1
10
100
0.1
1
10
Reverse Voltage (V)
Tj=25℃
f=1.0MHZ
Vsig=50mVp-p
0.001
0.01
0.1
1
10
100
1000
10000
0
20
40
60
80
100
120
Percent of Rated Peak Reverse Voltage (%)
25℃
125℃
150℃
Figure 4. Typical Junction Capacitance
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non-Repetitive Peak
Forward Surge Current
Figure 3. Typical Instantaneous Forward Characteristics
Figure 5. Typical Reverse Characteristics
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100 125 150
Case temperature(℃)
0
20
40
60
80
100
1
10
100
Number of Cycles at 60Hz
Ta=25℃
8.3ms single half
sine-wave
www.goodark.com
2/4
2017.05-Rev.A


Similar Part No. - DFL2208J

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
DFL2002J GOOD-ARK-DFL2002J Datasheet
440Kb / 4P
   Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2005 GOOD-ARK-DFL2005_15 Datasheet
203Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier Reverse Voltage 50~1000V Ountput Current 2A
DFL2006J GOOD-ARK-DFL2006J Datasheet
440Kb / 4P
   Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2008J GOOD-ARK-DFL2008J Datasheet
440Kb / 4P
   Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2010J GOOD-ARK-DFL2010J Datasheet
440Kb / 4P
   Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - DFL2208J

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
DF15005S PACELEADER-DF15005S Datasheet
150Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
CHENG-YI ELECTRONIC CO....
DF15005S CHENG-YI-DF15005S Datasheet
125Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
GOOD-ARK Electronics
DFL1002J GOOD-ARK-DFL1002J Datasheet
441Kb / 4P
   Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2002J GOOD-ARK-DFL2002J Datasheet
440Kb / 4P
   Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
DF02S-E377 VISHAY-DF02S-E377 Datasheet
85Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com