Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFL2006J Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # DFL2006J
Description  Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

DFL2006J Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  DFL2006J Datasheet HTML 1Page - GOOD-ARK Electronics DFL2006J Datasheet HTML 2Page - GOOD-ARK Electronics DFL2006J Datasheet HTML 3Page - GOOD-ARK Electronics DFL2006J Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DFL2002J thru DFL2010J
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
Reverse Voltage 200~1000V Output Current 2.0A
Features
• Glass passivated Bridge Rectifiers
• Ideal for automated placement
• Very low profile - typical body height 1.5 mm
• High surge current capability
DFL J
• Moisture sensitivity: level 1, per J-STD-020
• High temperature soldering guaranteed: 260℃/10 seconds
Mechanical Data
• Case:DFL,Molding compound meets UL 94V-0 flammability rating
Typical Applications
VRRM
800
V
VRMS
560
V
VDC
800
V
Io(AV)
A
IFSM
A
I
2t
A
2s
TJ, TSTG
°C
IF=1.0A,Ta=25℃
IF=2.0A,Ta=25℃
Ta=25℃
Ta=125℃
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
juntion to ambient
RθJA
juntion to case
RθJC
Note: 1) The thermal resistance from junction to ambient and case,mounted on P.C.B with 13×13mm copper pads,2 OZ,FR4 PCB
DFL2010J Unit
Typical thermal resistance1)
31
℃/W
9
Parameter
Test Conditions
Symbol
DFL2002J
DFL2006J
DFL2008J
Thermal Characteristics (TA=25℃ unless otherwise noted)
1.0
Maximum DC reverse current at
rated DC blocking voltage
IR
5
µA
50
Typical reverse recovery time
trr
2
uS
16
Maximum instantaneous forward
voltage
1.1
Volts
VF
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
DFL2002J
DFL2006J
DFL2008J DFL2010J Unit
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
60
Rating for fusing (t≤8.3ms)
15.0
Operating junction and storage temperature range
- 55 to + 150
Maximum DC blocking voltage
200
600
1000
Maximum average forward rectified output current
2.0
General purpose use in ac-to dc bridge full wave rectification for
SMPS,lighting,adapter,charger,home appliances,office equipment,and telecommunication
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
DFL2002J
DFL2006J
DFL2008J DFL2010J Unit
Maximum repetitive peak reverse voltage
200
600
1000
Maximum RMS voltage
140
420
700
www.goodark.com
1/4
2017.04-Rev.A


Similar Part No. - DFL2006J

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
DFL2005 GOOD-ARK-DFL2005_15 Datasheet
203Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier Reverse Voltage 50~1000V Ountput Current 2A
More results

Similar Description - DFL2006J

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
DF15005S PACELEADER-DF15005S Datasheet
150Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
CHENG-YI ELECTRONIC CO....
DF15005S CHENG-YI-DF15005S Datasheet
125Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
GOOD-ARK Electronics
DFL2202J GOOD-ARK-DFL2202J Datasheet
441Kb / 4P
   Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL1002J GOOD-ARK-DFL1002J Datasheet
441Kb / 4P
   Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
DF02S-E377 VISHAY-DF02S-E377 Datasheet
85Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com