Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR431M Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BR431M
Description  Precision adjustable shunt regulator in a SOT-23 Plastic Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BR431M Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BR431M Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BR431M Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BR431M Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BR431M Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BR431M Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BR431M Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BR431M Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BR431M
Rev.E Apr.-2017
DATA SHEET
http://www.fsbrec.com
1 / 7
SOT-23 塑封封装精密可调基准电源。
Precision adjustable shunt regulator in a SOT-23 Plastic Package.
精确参照电压 2.500V;允许电压误差为 0.4%,0.8%;阴极电流能力为 1.0mA~100mA;快速导通;可调节
输出电压为 VO=Vref~37V;阴极工作电流低(典型值:400μA);动态输出阻抗低(典型值:0.15Ω)。
Precise reference voltage to 2.500V;guaranteed 0.4%,0.8% reference voltage Tolerance; sink
current capability,1.0mA~100mA;quick turn-on; adjustable Output voltage, VO=Vref~37V;low
operational cathode current,400μA typical; 0.15Ω typical output impedance.
用于线性调整器,可调节电源和开关电源。
Linear regulators, adjustable power supply, switching power supply.
PIN1
:R
PIN 2
:K
PIN 3
:A
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
Marking
BR431
3
2
1


Similar Part No. - BR431M

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BR431 FOSHAN-BR431 Datasheet
910Kb / 7P
   Precision adjustable shunt regulator in a TO-92 Plastic Package
More results

Similar Description - BR431M

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
TL432M FOSHAN-TL432M Datasheet
719Kb / 7P
   Precision adjustable shunt regulator in a SOT-23 Plastic Package
TL431M FOSHAN-TL431M Datasheet
866Kb / 7P
   Precision adjustable shunt regulator in a SOT-23 Plastic Package
BR431 FOSHAN-BR431 Datasheet
910Kb / 7P
   Precision adjustable shunt regulator in a TO-92 Plastic Package
TL431 FOSHAN-TL431 Datasheet
952Kb / 7P
   Precision adjustable shunt regulator in a TO-92 Plastic Package
MMBD914 FOSHAN-MMBD914 Datasheet
738Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BAS19 FOSHAN-BAS19 Datasheet
620Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BZX84C7V5 FOSHAN-BZX84C7V5 Datasheet
676Kb / 7P
   Zener Diode in a SOT-23 Plastic Package.
BZX84C8V2 FOSHAN-BZX84C8V2 Datasheet
676Kb / 7P
   Zener Diode in a SOT-23 Plastic Package.
BAS16 FOSHAN-BAS16 Datasheet
677Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BAW56 FOSHAN-BAW56 Datasheet
645Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com