Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL504 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HAL504
Description  Hall Effect Sensor Family
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL504 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HAL504 Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL504 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL504 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL504 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL504 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL504 Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL504 Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL504 Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL504 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
HAL5xx
8
Micronas
3.6. Electrical Characteristics at TJ = –40 °C to +170 °C , VDD = 3.8 V to 24 V, as not otherwise specified in Conditions
Typical Characteristics for TJ = 25 °C and VDD = 12 V
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD
Supply Current
1
2.3
3
4.2
mA
TJ = 25 °C
IDD
Supply Current over
Temperature Range
1
1.6
3
5.2
mA
VDDZ
Overvoltage Protection
at Supply
1
28.5
32
V
IDD = 25 mA, TJ = 25 °C,
t = 20 ms
VOZ
Overvoltage Protection at Output
3
28
32
V
IOH = 25 mA, TJ = 25 °C,
t = 20 ms
VOL
Output Voltage
3
130
280
mV
IOL = 20 mA, TJ = 25 °C
VOL
Output Voltage over
Temperature Range
3
130
400
mV
IOL = 20 mA
IOH
Output Leakage Current
3
0.06
0.1
µA
Output switched off,
TJ = 25 °C, VOH = 3.8 to 24 V
IOH
Output Leakage Current over
Temperature Range
3
10
µA
Output switched off,
TJ ≤150 °C, VOH = 3.8 to 24 V
fosc
Internal Oscillator
Chopper Frequency
49
62
kHz
TJ = 25 °C,
VDD = 4.5 V to 24 V
fosc
Internal Oscillator Chopper Fre-
quency over Temperature Range
38
62
kHz
ten(O)
Enable Time of Output after
Setting of VDD
1
30
70
µs
VDD = 12 V 1)
tr
Output Rise Time
3
75
400
ns
VDD = 12 V, RL = 820 Ohm,
CL = 20 pF
tf
Output Fall Time
3
50
400
ns
VDD = 12 V, RL = 820 Ohm,
CL = 20 pF
RthJSB
case
SOT-89B
Thermal Resistance Junction
to Substrate Backside
150
200
K/W
Fiberglass Substrate
30 mm x 10 mm x 1.5mm,
pad size see Fig. 3–3
RthJA
case
TO-92UA
Thermal Resistance Junction
to Soldering Point
150
200
K/W
1) B > BON + 2 mT or B < BOFF – 2 mT for HAL 50x,
B > BOFF + 2 mT or B < BON – 2 mT for HAL 51x
Fig. 3–3: Recommended pad size SOT-89B
Dimensions in mm
5.0
2.0
2.0
1.0


Similar Part No. - HAL504

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL504 MICRONAS-HAL504 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL504 MICRONAS-HAL504 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL504SF-A MICRONAS-HAL504SF-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL504SF-K MICRONAS-HAL504SF-K Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL504UA-A MICRONAS-HAL504UA-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
More results

Similar Description - HAL504

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com