Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2SB60A Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D2SB60A
Description  Single In-line Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D2SB60A Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D2SB60A_17 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D2SB60A_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D2SB60A_17 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D2SB60A_17 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■特性図 CHARACTERISTIC DIAGRAMS
* Sine wave は 50Hz で測定しています。
* 50Hz sine wave is used for measurements.
*半導体製品の特性は一般的にバラツキを持っております。
 Typical は統計的な実力を表しています。
* Semiconductor products generally have characterristic variation.
Typical is a statistical average of the device’s ability.
(J534-1)
61
D2SB60A
Thin SIP Bridge


Similar Part No. - D2SB60A_17

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2SB60A SHINDENGEN-D2SB60A Datasheet
299Kb / 6P
   General Purpose Rectifiers(600V 2A)
More results

Similar Description - D2SB60A_17

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
   Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
   Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
   Single In-line Package
UD2KB80 SHINDENGEN-UD2KB80_17 Datasheet
828Kb / 4P
   Single In-line Package
UD3KB80 SHINDENGEN-UD3KB80_17 Datasheet
821Kb / 4P
   Single In-line Package
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
   Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
   Single In-line Package
D20XB60 SHINDENGEN-D20XB60_17 Datasheet
433Kb / 4P
   Single In-line Package
D30XBN20 SHINDENGEN-D30XBN20_17 Datasheet
574Kb / 4P
   Single In-line Package
D4SBN20 SHINDENGEN-D4SBN20_17 Datasheet
575Kb / 4P
   Single In-line Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com