Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0010897363 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0010897363
Description  2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0010897363 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0010897363_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0010897363_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
3.0A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
245
Material Info
Engineering Number
A-70280-0218
Reference - Drawing Numbers
Product Specification
PS-70280-001
Sales Drawing
SDA-70280-0001-4000
This document was generated on 10/31/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0010897363_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010897363 MOLEX1-0010897363 Datasheet
433Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 36 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.79mm (.110") PC Tail
More results

Similar Description - 0010897363_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010897560 MOLEX1-0010897560_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897640 MOLEX1-0010897640_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897642 MOLEX1-0010897642_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897740 MOLEX1-0010897740_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897781 MOLEX1-0010897781_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897101 MOLEX1-0010897101_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897141 MOLEX1-0010897141_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897142 MOLEX1-0010897142_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897161 MOLEX1-0010897161_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897182 MOLEX1-0010897182_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897201 MOLEX1-0010897201_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com