Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1851 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1851
Description  Integrated Circuit Audio Amplifier, 24W BTL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1851 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1851 Datasheet HTML 1Page - NTE Electronics NTE1851 Datasheet HTML 2Page - NTE Electronics NTE1851 Datasheet HTML 3Page - NTE Electronics NTE1851 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC Electrical Characteristics:
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage Range (Pin10)
VCC
6
18
V
Repetitive Peak Output Current
IORM
4
A
Total Quiescent Current
ITOT
75
75
mA
Switching Level 11
OFF
V11
1.8
V
ON
3.0
V
Impedance Between Pin10 & Pin6;
Pin10 & Pin8
|ZOFF|
Standby Position V11 < 1.8V
100
k
Standby Current
ISB
V11 = 0 to 0.8V
1
100
µA
Switch–On Current (Pin11)
ISO
V11 ≤ V10
10
100
µA
AC Electrical Characteristics: (TA = +25°C, VCC = 14.4V, f = 1kHz unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Bridge–Tied Load Application (BTL)
Output Power with Bootstrap
PO
RL = 4Ω
VCC = 14.4V, dTOT = 0.5%
15.5
18.0
W
VCC = 14.4V, dTOT = 10%
20
24
W
VCC = 13.2V, dTOT = 0.5%
15
W
VCC = 13.2V, dTOT = 10%
20
W
Open–Loop Voltage Gain
GO
75
dB
Closed–Loop Voltage Gain
GC
Note 2
40
dB
Output Power without Bootstrap
PO
Note 3
VCC = 14.4V, dTOT = 0.5%
12
12
W
VCC = 14.4V, dTOT = 10%
15
15
W
VCC = 13.2V, dTOT = 0.5%
9
9
W
VCC = 13.2V, dTOT = 10%
12
12
W
Frequency Response at –3dB
B
Note 4
20
20
Hz
Input Impedance
|Zi|
Note 5
1
M
Noise Input Voltage (RMS Value)
VN(RMS) RS = 0Ω
f = 20Hz to 20kHz
0.2
0.2
mV
RS = 10kΩ
0.35
0.35
mV
VN
0.25
0.8
mV
Supply Voltage Ripple Rejection
RR
f = 100Hz
42
50
50
dB
DC Output Offset Voltage
Between the Outputs
|
∆V5–9|
2
50
mV
Loudspeaker Protection
(All Conditions)
Maximum DC Voltage
(Across the Load)
|
∆V5–9|
1
V
Power Bandwidth
B
–1dB, dTOT = 0.5%
30
40
kHz
Note 1. The internal circuit impedance at Pin11 is > 5k
Ω if V11 > V10.
Note 2. Closed–Loop voltage gain can be chosen between 32 and 56dB (BTL), and is determined
by external components.
Note 3. Without the bootstrap the 100
µF capacitor between Pin5 and Pin6 (Pin8 and Pin9) can be
omitted. Pin6, Pin8, and Pin10 have to be interconnected.
Note 4. Frequency response externally fixed.
Note 5. The input impedance in the test circuit is typically 100k
Ω.


Similar Part No. - NTE1851

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE185 NTE-NTE185 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Power Amp, Switch
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
   Integrated Circuit Dual 12W/Channel Audio Power Amplifier
NTE1852 NTE-NTE1852 Datasheet
90Kb / 2P
   Integrated Circuit 4W Audio Amplifier with DC Volume Control
NTE1853 NTE-NTE1853 Datasheet
40Kb / 6P
   Integrated Circuit Digital Filter for Compact Disc Digital Audio System
NTE1854D NTE-NTE1854D Datasheet
27Kb / 3P
   Integrated Circuit Dual Power Operational Amplifie
More results

Similar Description - NTE1851

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
   Integrated Circuit Mono BTL Audio Amplifier, 3W
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
   Integrated Circuit 1W BTL Mono Audio Amplifier
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
   Integrated Circuit BTL Audio Power Amplifier, 12W
NTE7059 NTE-NTE7059 Datasheet
74Kb / 3P
   Integrated Circuit Dual BTL 14W Audio Power Amplifier
NTE7113 NTE-NTE7113 Datasheet
82Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 14W BTL
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
NTE1802 NTE-NTE1802 Datasheet
31Kb / 4P
   Integrated Circuit Power Amplifier for Car Stereo Radio, 12W/Ch or 24W BTL
logo
KEC(Korea Electronics)
KIA6220H KEC-KIA6220H Datasheet
266Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
KIA8225H KEC-KIA8225H Datasheet
274Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (45W BTL SINGLE AUDIO POWER AMPLIFIER)
logo
NTE Electronics
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com