Electronic Components Datasheet Search |
|
KB26KKW01-05-CC Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
KB26KKW01-05-CC Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
1 / 14 page Series KB Miniature Pushbuttons D22 D www.nkkswitches.com General Specifications Electrical Capacity (Resistive Load) Power Level (silver): 1A @ 125/250V AC or 1A @ 30V DC Logic Level (gold): 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Note: Find additional explanation of operating range in Supplement section. Other Ratings Contact Resistance: 50 milliohms maximum Insulation Resistance: 1,000 megohms minimum @ 500V DC Dielectric Strength: For Silver: 1,000V AC minimum between contacts for 1 minute minimum & 1,500V AC minimum between contacts & case for 1 minute minimum; For Gold: 750V AC minimum between contacts for 1 minute minimum & 1,500V AC minimum between contacts & case for 1 minute minimum Mechanical Life: 100,000 operations minimum Electrical Life: 50,000 operations minimum for silver; 100,000 operations minimum for gold Nominal Operating Force: Single pole 0.98 ~ 2.45N for maintained & 0.98 ~ 1.96N for momentary; Double pole 1.47 ~ 3.43N for maintained & 1.47 ~ 2.94N for momentary Contact Timing: Nonshorting (break-before-make) Travel: Pretravel .087” (2.2mm); Overtravel .031” (0.8mm); Total Travel .118” (3.0mm) Materials & Finishes Housing: Polyamide (UL94V-0) Movable Contactor: Silver for power circuit; copper with gold plating for logic level circuit Stationary Contacts: Silver for power circuit; copper with gold plating for logic level circuit Housing Base: Polyamide (UL94V-0) Terminal Base: Polyester Common Terminals: Phosphor bronze with silver flash plating for power circuit; Phosphor bronze with gold flash plating for logic level circuit End Terminals: Brass with silver flash plating for power circuit; Brass with gold flash plating for logic level circuit Lamp Terminals: Phosphor bronze with nickel flash plating Environmental Data Operating Temperature Range: –25°C through +50°C (–13°F through +122°F) for Illuminated –25°C through +70°C (–13°F through +158°F) for Nonilluminated Humidity: 90 ~ 95% humidity for 96 hours @ 40°C (104°F) Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 3 shocks in each direction) Installation Mounting Torque: 0.78Nm (6.9 lb•in) maximum Cap Installation Force: 4.51N (1.0 lbf) maximum downward force on cap Soldering Time & Temperature: Manual Soldering: See Profile A in Supplement section. Standards & Certifications Flammability Standards: UL94V-0 housing & housing base UL: File No. E44145 - Recognized only when ordered with marking on switch. Add “/U” or “/CUL” before first dash in part number to order UL recognized switch. Single & double pole models recognized at 1A @ 125/250V AC, 1A @ 30V DC, & 0.4VA @ 28V DC. CSA: File No. 023535_0_000 - Certified only when ordered with marking on switch. Add “/C” before first dash in part number to order CSA certified switch. Single & double pole models recognized at 1A @ 125/250V AC, 1A @ 30V DC, & 0.4VA @ 28V DC. |
Similar Part No. - KB26KKW01-05-CC |
|
Similar Description - KB26KKW01-05-CC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |