Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1850 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1850
Description  Integrated Circuit Dual 12W/Channel Audio Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1850 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1850 Datasheet HTML 1Page - NTE Electronics NTE1850 Datasheet HTML 2Page - NTE Electronics NTE1850 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1850
Integrated Circuit
Dual 12W/Channel Audio Power Amplifier
Description:
The NTE1850 is a dual Hi–Fi audio power amplifier in a 9–Lead SIP type package designed for
mains–fed applications such as stereo TV sound and stereo radio. The circuit is optimal for symmetri-
cal power supplies but is also well suited to asymmetrical power supply systems. An output power
of 2 x 12W (THD = 0.5%) can be delivered into an 8
Ω load with a symmetrical power supply of ±16V.
The gain is fixed internally at 30dB, but can be changed externally if required. Internal gain fixing gives
low gain spread and very good balance between the amplifiers (0.2dB).
A special feature is an input mute circuit which provides suppression of unwanted signals at the inputs
during switching on and off. This circuit disconnects the non–inverting inputs when the supply voltage
is below
±6V, while allowing the amplifiers to remain in their DC operating condition.
Two thermal protection circuits are provided, one monitors the average junction temperature and the other
the instantaneous temperature of the power transistors. Both protection circuits activate at +150
°C, allow-
ing safe operation to a maximum junction temperature of +150
°C without added distortion.
Features:
D Few External Components Required
D Input Muted During Power ON/OFF
D Low Offset Voltage Between Output and GND
D Excellent Gain Balance Between Channels
D Short–Circuit Protected
D Thermally Protected
Applications:
D Stereo
D TV Sound
D Radio
Absolute Maximum Ratings:
Supply Voltage (Pin5 and Pin7), VCC = V5, 7–3
+20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Non–Repetitive Peak Output Current (Pin4 and Pin6), IOSM
4A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TA = +25°C, Infinite Heatsink), PTOT
15W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
2.5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short–Circuit Time (Outputs Short–Circuited to GND), tSC
1Hr
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
25
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE1850

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE185 NTE-NTE185 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Power Amp, Switch
NTE1851 NTE-NTE1851 Datasheet
32Kb / 4P
   Integrated Circuit Audio Amplifier, 24W BTL
NTE1852 NTE-NTE1852 Datasheet
90Kb / 2P
   Integrated Circuit 4W Audio Amplifier with DC Volume Control
NTE1853 NTE-NTE1853 Datasheet
40Kb / 6P
   Integrated Circuit Digital Filter for Compact Disc Digital Audio System
NTE1854D NTE-NTE1854D Datasheet
27Kb / 3P
   Integrated Circuit Dual Power Operational Amplifie
More results

Similar Description - NTE1850

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
   Integrated Circuit BTL Audio Power Amplifier, 12W
NTE7146 NTE-NTE7146 Datasheet
26Kb / 2P
   Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting
NTE1368 NTE-NTE1368 Datasheet
22Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Channel
NTE990 NTE-NTE990 Datasheet
24Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier
NTE7061 NTE-NTE7061 Datasheet
23Kb / 2P
   Integrated Circuit Dual 5.3W Audio Power Amplifier Circuit
NTE1373 NTE-NTE1373 Datasheet
84Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
NTE1389 NTE-NTE1389 Datasheet
24Kb / 3P
   Integrated Circuit Dual, Audio Power Amplifier, 20W
NTE1626 NTE-NTE1626 Datasheet
79Kb / 2P
   Integrated Circuit 4.2W Dual Audio Power Amplifier
NTE7055 NTE-NTE7055 Datasheet
76Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 2W
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com