Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB16CRKG01B-12-CB Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB16CRKG01B-12-CB
Description  General Specifications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB16CRKG01B-12-CB Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button KB16CRKG01B-12-CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB16CRKG01B-12-CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB16CRKG01B-12-CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB16CRKG01B-12-CB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB16CRKG01B-12-CB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB16CRKG01B-12-CB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. KB16CRKG01B-12-CB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. KB16CRKG01B-12-CB Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. KB16CRKG01B-12-CB Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Series KB
Miniature Pushbuttons
D29
D
www.nkkswitches.com
Cap for Bright LED without Resistor or LED with Resistor
Lens/Diffuser Colors Available: (AT4133, 4132, 4134 white diffusers; AT4158, 4160, 4159 colored diffusers)
Square
Material: Polycarbonate
Finish: Glossy
Round
Rectangular
Material: Polycarbonate
Finish: Glossy
(11.6) Sq
.457
(6.2)
.244
(4.5)
.177
(11.6) Dia
.457
(6.2)
.244
(4.5)
.177
AT4133
Square
AT4132
Round
AT4134
Rectangular
Cap for Super Bright LED
JB
Lens/Diffuser Colors Available:
(11.6)
.457
(6.3)
.248
(4.5)
.177
(16.1)
.634
Transparent Clear Lens
Translucent Diffuser
Translucent Clear Lens
Translucent White Diffuser
CAP TYPES & COLOR COMBINATIONS
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
J Clear
Spot Illuminated Cap for Bright LED without Resistor or with Resistor
Opaque Black Cap with
Translucent White Window
for Spot Illumination
AB
Cap/Window Colors Available:
AT4051
Square
Material: Polycarbonate
Finish: Matte
Bright LED
AT635
Bright LED
AT634
(3.0)
.118
(1.8)
.071
(5.0)
.197
(11.6) Sq
.457
(4.6)
.181
(6.2)
.244
JB
JC
JD
JF
AT4133
AT4132
AT4134
AT4158
AT4160
AT4159
Bright LED
AT635
Bright LED
AT634
(11.6)
.457
(6.3)
.248
(4.5)
.177
(16.1)
.634
(11.6) Dia
.457
(6.2)
.244
(4.5)
.177
(11.6) Sq
.457
(6.2)
.244
(4.5)
.177
Super Bright LEDs
AT625
AT631 AT632


Similar Part No. - KB16CRKG01B-12-CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB16CKG01 NKK-KB16CKG01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB16CKG01B NKK-KB16CKG01B Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB16CKG01B05A NKK-KB16CKG01B05A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB16CKG01B05BB NKK-KB16CKG01B05BB Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB16CKG01B12A NKK-KB16CKG01B12A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
More results

Similar Description - KB16CRKG01B-12-CB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com