Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

116RLL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 116RLL
Description  Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116RLL Datasheet(HTML) 1 Page - Vishay Siliconix

  116RLL_16 Datasheet HTML 1Page - Vishay Siliconix 116RLL_16 Datasheet HTML 2Page - Vishay Siliconix 116RLL_16 Datasheet HTML 3Page - Vishay Siliconix 116RLL_16 Datasheet HTML 4Page - Vishay Siliconix 116RLL_16 Datasheet HTML 5Page - Vishay Siliconix 116RLL_16 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
116 RLL
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
1
Document Number: 28316
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
Radial Long Life
Fig. 1
FEATURES
• Long useful life: 2000 h at 105 °C
• Miniaturized, high CV-product per unit volume
• Natural pitch 2.5 mm and 5 mm
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case, all-insulated
(light blue)
• Charge and discharge proof
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive, telecommunication, industrial and EDP
• Stand-by applications in audio and video equipment
• Coupling, decoupling, timing, smoothing, filtering and
buffering in DC/DC converters
• Portable and mobile equipment (small size, low mass)
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• “-”-sign on top to identify the negative terminal
• Series number (116)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
5 x 11 and 8.2 x 11
Rated capacitance range, CR
1.5 μF to 470 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 V to 100 V
Category temperature range
-55 °C to +105 °C
Endurance test at 105 °C
1500 h
Endurance test at 85 °C
5000 h
Useful life at 105 °C
2000 h
Useful life at 40 °C, 1.3 x IR applied
200 000 h
Shelf life at 0 V, 105 °C
1500 h
Based on sectional specification
IEC 60384-4 / EN 130300
Climatic category IEC 60068
55 / 105 / 56
036 RSP
048 RML
148 RUS
miniaturized
higher
CV-values
85 °C
116 RLL
105 °C
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
6.3
10
162535405063
100
1.5
------
5 x 11
--
3.3
------
5 x 11
--
4.7
------
5 x 11
-
8.2 x 11
6.8
------
5 x 11
--
10
------
5 x 11
8.2 x 11
8.2 x 11
------
8.2 x 11
--
15
------
5 x 11
--
22
------
5 x 11
8.2 x 11
-
------
8.2 x 11
--
33
----
5 x 11
5 x 11
8.2 x 11
--
47
-
-
-
5 x 11
-
-
8.2 x 11
-
-
68
-
-
5 x 11
-
-
-
8.2 x 11
-
-
100
-
5 x 11
-
-
8.2 x 11
8.2 x 11
-
-
-
150
5 x 11
-
-
8.2 x 11
-
-
-
-
-
220
-
-
8.2 x 11
----
--
330
-
8.2 x 11
-----
--
470
8.2 x 11
------
--


Similar Part No. - 116RLL_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
More results

Similar Description - 116RLL_16

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com