Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

038RSU Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 038RSU
Description  Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

038RSU Datasheet(HTML) 2 Page - Vishay Siliconix

  038RSU Datasheet HTML 1Page - Vishay Siliconix 038RSU Datasheet HTML 2Page - Vishay Siliconix 038RSU Datasheet HTML 3Page - Vishay Siliconix 038RSU Datasheet HTML 4Page - Vishay Siliconix 038RSU Datasheet HTML 5Page - Vishay Siliconix 038RSU Datasheet HTML 6Page - Vishay Siliconix 038RSU Datasheet HTML 7Page - Vishay Siliconix 038RSU Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
038 RSU
www.vishay.com
Vishay BCcomponents
Revision: 28-Feb-17
2
Document Number: 28309
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 1
Note
• Detailed tape dimensions see section “Packaging”.
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
6.3
101625
355063
100
2.2

5 x 11
5 x 11
3.3

5 x 11
5 x 11
4.7

5 x 11
5 x 11
10

5 x 11
6.3 x 11
22

5 x 11
5 x 11
6.3 x 11
33

5 x 11
6.3 x 11
8 x 11.5
47

5 x 11
6.3 x 11
6.3 x 11
10 x 12
100
5 x 11
5 x 11
6.3 x 11
6.3 x 11
8 x 11.5
10 x 12
10 x 20
220
5 x 11
5 x 11
6.3 x 11
8 x 11.5
8 x 11.5
10 x 12
10 x 16
13 x 25
330
6.3 x 11
6.3 x 11
8 x 11.5
8 x 11.5
10 x 12
10 x 16
10 x 20
13 x 25
470
6.3 x 11
6.3 x 11
8 x 11.5
10 x 12
10 x 16
10 x 20
13 x 20
16 x 25
1000
8 x 11.5
10 x 12
10 x 16
10 x 20
13 x 20
13 x 25
16 x 25
18 x 40
2200
10 x 16
10 x 20
13 x 20
13 x 25
6 x 25
16 x 31
18 x 35
3300
10 x 20
13 x 20
13 x 25
16 x 25
16 x 35
18 x 35

4700
13 x 20
13 x 25
16 x 25
16 x 31
18 x 35

6800
13 x 25
16 x 25
16 x 31
18 x 35

10 000
16 x 25
16 x 35
18 x 35

22 000
18 x 40

DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 2 - Form CA
Fig. 3 - Form CB:
Cut leads
Fig. 4 - Form TNA, Form TFA:
Taped in box (ammopack), straight leads
Fig. 5 - Form TFA:
Taped in box (ammopack), formed leads
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
Ø d
Ø Dmax.
Lmax.
F
MASS
(g)
PACKAGING QUANTITIES
FORM
CA
FORM
CB
FORM
TFA, TNA
5 x 11
11
0.5
5.5
12.5
2.0 ± 0.5
 0.4
5000
2000
6.3 x 11
12
0.5
6.8
12.5
2.5 ± 0.5
0.6
5000
2000
8 x 11.5
13
0.6
8.5
12.5
3.5 ± 0.5
1.1
5000
1000
10 x 12
14
0.6
10.5
13.5
5.0 ± 0.5
1.6
3000
1000
500
10 x 16
15
0.6
10.5
17.5
5.0 ± 0.5
1.9
2500
1000
500
10 x 20
16
0.6
10.5
22.0
5.0 ± 0.5
2.2
2000
800
500
13 x 20
17
0.6
13.5
22.0
5.0 ± 0.5
4.0
1500
400
300
13 x 25
18
0.6
13.5
27.0
5.0 ± 0.5
5.0
1000
400
300
16 x 25
19
0.8
16.5
27.0
7.5 ± 0.5
8.0
750
200
200
16 x 31
20
0.8
16.5
33.5
7.5 ± 0.5
 9.0
600
200
200
16 x 35
21
0.8
16.5
37.5
7.5 ± 0.5
11.0
500
200
18 x 35
22
0.8
18.5
37.5
7.5 ± 0.5
 14.5
400
150
18 x 40
23
0.8
18.5
42.0
7.5 ± 0.5
 16.0
400
150
Ø D
Ø d
F
15
min.
5
min.
L
Ø D
Ø d
4 + 1
0
F
+
-
Dimensions of pitch F see Table 1 and Table 2
Case Ø D = 5 mm to 8 mm; pitch F is 5 mm


Similar Part No. - 038RSU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
038RSU VISHAY-038RSU Datasheet
133Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
More results

Similar Description - 038RSU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
038RSU VISHAY-038RSU Datasheet
133Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
152RMH VISHAY-152RMH_17 Datasheet
107Kb / 6P
   Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
Revision: 17-Mar-17
152RMH VISHAY-152RMH_V01 Datasheet
105Kb / 6P
   Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
01-Jan-2023
logo
List of Unclassifed Man...
047RMS ETC1-047RMS Datasheet
56Kb / 13P
   Aluminum electrolytic capacitors Radial Miniature Semi-Professional
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com