Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCBRABS6 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECCBRABS6
Description  1.0A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-200-1000V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCBRABS6 Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECCBRABS6 Datasheet HTML 1Page - E-CMOS Corporation ECCBRABS6 Datasheet HTML 2Page - E-CMOS Corporation ECCBRABS6 Datasheet HTML 3Page - E-CMOS Corporation ECCBRABS6 Datasheet HTML 4Page - E-CMOS Corporation ECCBRABS6 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 5
5A15N-Rev. F001
ECCBRABS2-ECC
BRABS10
1.0A Miniature Glass Passivated
Single-Phase Surface Mount
Bridge Rectifiers-200-1000V
*1
Repetitive peak reverse voltage
*2
RMS voltage
*3
Continuous reverse voltage
*4
Maximum forward voltage @IF=0.4A
Rating and characteristic curves (ECCBRABS2~ECCBRABS10)
Part No
VRRM*1
(V)
VRRM*2
(V)
VRRM*3
(V)
VRRM*4
(V)
Operating
temperature
TJ,(℃)
ECCBRABS2
200
140
200
ECCBRABS4
400
280
400
ECCBRABS6
600
420
600
ECCBRABS8
800
560
800
ECCBRABS10
1000
700
1000
0.95
-55℃~+150℃


Similar Part No. - ECCBRABS6

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCBRABS6-6 E-CMOS-ECCBRABS6-6 Datasheet
257Kb / 4P
   1.0A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-200-1000V
ECCBRABS6-6-H E-CMOS-ECCBRABS6-6-H Datasheet
257Kb / 4P
   1.0A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-200-1000V
More results

Similar Description - ECCBRABS6

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCBRABS2-6 E-CMOS-ECCBRABS2-6 Datasheet
257Kb / 4P
   1.0A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-200-1000V
logo
Formosa MS
MB05S FORMOSA-MB05S Datasheet
213Kb / 7P
   0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-50-1000V
MB2M FORMOSA-MB2M Datasheet
158Kb / 6P
   0.8A Glass Passivated Single-Phase Bridge Rectifiers-200-1000V
logo
Vishay Siliconix
DF02S-E377 VISHAY-DF02S-E377 Datasheet
85Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_08 Datasheet
103Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com