Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250CRZ-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 250CRZ-V
Description  Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

250CRZ-V Datasheet(HTML) 2 Page - Vishay Siliconix

  250CRZ-V Datasheet HTML 1Page - Vishay Siliconix 250CRZ-V Datasheet HTML 2Page - Vishay Siliconix 250CRZ-V Datasheet HTML 3Page - Vishay Siliconix 250CRZ-V Datasheet HTML 4Page - Vishay Siliconix 250CRZ-V Datasheet HTML 5Page - Vishay Siliconix 250CRZ-V Datasheet HTML 6Page - Vishay Siliconix 250CRZ-V Datasheet HTML 7Page - Vishay Siliconix 250CRZ-V Datasheet HTML 8Page - Vishay Siliconix 250CRZ-V Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
250 CRZ-V
www.vishay.com
Vishay BCcomponents
Revision: 12-Apr-17
2
Document Number: 28425
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Dimensional outline
Table 1
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(μF)
UR (V)
6.3
10
1625
3550
63
80
100
220
→→
→→
→→→
16 x 16 x 16
330
→→
16 x 16 x 16
16 x 16 x 16
16 x 16 x 21
18 x 18 x 16
470
→→
16 x 16 x 21
16 x 16 x 21
18 x 18 x 21
18 x 18 x 16
18 x 18 x 16
680
→→
16 x 16 x 16
18 x 18 x 21
18 x 18 x 21
-
1000
→→
16 x 16 x 16
16 x 16 x 21
--
-
18 x 18 x 16
1500
→→
16 x 16 x 16
16 x 16 x 21
18 x 18 x 21
-
-
-
18 x 18 x 16
2200
→→
16 x 16 x 16
16 x 16 x 21
18 x 18 x 21
-
-
-
-
18 x 18 x 16
3300
16 x 16 x 16
16 x 16 x 21
18 x 18 x 21
-
-
-
-
-
18 x 18 x 16
4700
16 x 16 x 16
16 x 16 x 21
18 x 18 x 21
-
-
-
-
-
-
18 x 18 x 16
6800
16 x 16 x 21
18 x 18 x 21
-
-
-
-
-
-
-
18 x 18 x 16
10 000 18 x 18 x 21
-
-
-
-
-
-
-
-
DIMENSIONS in millimeters AND MASS
NOMINAL CASE SIZE
L x W x H
CASE
CODE
LMAX.
WMAX.
HMAX.
Ø D
BMAX.
SL1MAX.
MASS
(g)
16 x 16 x 16
1616
16.6
16.6
17.5
16.0
1.3
6.5
18.6
≈ 5.5
16 x 16 x 21
1621
16.6
16.6
22.0
16.0
1.3
6.5
18.6
≈ 6.0
18 x 18 x 16
1816
19.0
19.0
17.5
18.0
1.3
6.5
21.0
≈ 8.0
18 x 18 x 21
1821
19.0
19.0
22.0
18.0
1.3
6.5
21.0
≈ 8.3
W
MAX.
L
MAX.
H
MAX.
D
6-pin:
Ø 16 mm
S
B
max. 0.3
L1
MAX.


Similar Part No. - 250CRZ-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
250CRZ-V VISHAY-250CRZ-V Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
More results

Similar Description - 250CRZ-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
150CRZ VISHAY-150CRZ_V01 Datasheet
163Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
01-Jan-2023
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
150-CRZ VISHAY-150-CRZ Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
246CTI-V VISHAY-246CTI-V Datasheet
135Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
Revision: 12-Apr-17
260CLA-V VISHAY-260CLA-V Datasheet
141Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance High Vibration Capability
Revision: 12-Apr-17
246CTI-V VISHAY-246CTI-V_V01 Datasheet
131Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
01-Jan-2023
260CLA-V VISHAY-260CLA-V_V01 Datasheet
137Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance High Vibration Capability
01-Jan-2023
150CRZ VISHAY-150CRZ_11 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
150CRZ VISHAY-150CRZ_13 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com