Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

199PEL-SI Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 199PEL-SI
Description  Aluminum Capacitors Power Economy Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

199PEL-SI Datasheet(HTML) 7 Page - Vishay Siliconix

  199PEL-SI_17 Datasheet HTML 1Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 2Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 3Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 4Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 5Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 6Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 7Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 8Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
199 PEL-SI
www.vishay.com
Vishay BCcomponents
Not for New Designs - Alternative Device: 159 PUL-SI
Revision: 10-Jan-17
7
Document Number: 28363
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Table 4
Note
• Multiplier of useful life code: MGA454
Fig. 4 - Multiplier of useful life as a function of ambient temperature
and ripple current load
Table 5
ENDURANCE TEST DURATION AND USEFUL LIFE
ENDURANCE
AT 105 °C
(h)
USEFUL LIFE
AT 105 °C
(h)
2000
3000
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
50
100
120
500
1000
 10 000
IR MULTIPLIER
0.90
0.95
1.00
1.20
1.30
1.40
1.3
1.2
1.1
1.0
0.8
0.5
0.0
40
50
60
70
80
90
T
amb (°C)
I
A
I
R
MGA454
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
(1)
2.4
2.5
2.6
2.7
100
110
life multiplier
I
A = Actual ripple current at 120 Hz
I
R = Rated ripple current at 120 Hz and 105 °C
(1)
Useful life at 105 °C and I
R applied: 3000 h


Similar Part No. - 199PEL-SI_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
More results

Similar Description - 199PEL-SI_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
094PME-SI VISHAY-094PME-SI_11 Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 10-Aug-11
094PME-SI VISHAY-094PME-SI Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 18-Aug-08
094PME-SI VISHAY-094PME-SI_16 Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 07-Nov-16
094PME-SI VISHAY-094PME-SI_V01 Datasheet
103Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
01-Jan-2023
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 21-May-15
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com